Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNC-R2-CF Datasheet(PDF) 12 Page - DDK Ltd.

Part # TNC-R2-CF
Description  TNC Style Connector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

TNC-R2-CF Datasheet(HTML) 12 Page - DDK Ltd.

Back Button TNC-R2-CF Datasheet HTML 7Page - DDK Ltd. TNC-R2-CF Datasheet HTML 8Page - DDK Ltd. TNC-R2-CF Datasheet HTML 9Page - DDK Ltd. TNC-R2-CF Datasheet HTML 10Page - DDK Ltd. TNC-R2-CF Datasheet HTML 11Page - DDK Ltd. TNC-R2-CF Datasheet HTML 12Page - DDK Ltd. TNC-R2-CF Datasheet HTML 13Page - DDK Ltd. TNC-R2-CF Datasheet HTML 14Page - DDK Ltd. TNC-R2-CF Datasheet HTML 15Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Unit:mm
http://www.ddknet.co.jp
TNC Series
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○ Assembly Instruction(4)
A
Outer Conductor
Sheath
Cable
Heat-shrinkable tube
Outer Conductor
Sleeve
Ferule
Spread the top
B
C
Insulator
Center Conductor
(Pre-soldering)
Outer Conductor
Sleeve
Contact
Soldering
No gap
Insulator
Heat-shrinkable tube
Crimping Dies
same level
Contact
Body
Insulator
Sleeve
Ferule
Heat-shrinkable tube
A
Outer Conductor
Sheath
Cable
Heat-shrinkable tube
Outer Conductor
Sleeve
Ferule
Spread the top
B
C
Insulator
Center Conductor
(Pre-soldering)
Outer Conductor
Sleeve
Contact
Soldering
No gap
Insulator
Heat-shrinkable tube
Crimping Dies
same level
Contact
Body
Insulator
Sleeve
Ferule
Heat-shrinkable tube
① Insert the heat-shrinkable tube into the cable
and cut the cable as fig.1. Please be careful to
not damage the outer conductor.
Part Number
A
TNC-J-1.5DXW-CR10-120-CF
13.0mm
TNC-J-2.5D2W-CR10-CF
11.0mm
TNC-J-3D2W-CR10-CF
11.5mm
TNC-BJ-2.5DQEW-CF
13.0mm
② Insert the ferule on the outer conductor and
spread the top of the outer conductor. Press in
the sleeve between outer conductor and
insulator.
Cut off the extra outer conductor along the sleeve.
Cut the cable as fig.3. Cut the center conductor
after pre-soldering. Please be careful to not damage
the center conductor.
Part Number
B
C
TNC-J-1.5DXW-CR10-120-CF
5.7mm
2.8mm
TNC-J-2.5D2W-CR10-CF
3.0mm
2.5mm
TNC-J-3D2W-CR10-CF
3.1mm
2.5mm
TNC-BJ-2.5DQEW-CF
6.0mm
2.0mm
Insert the insulator and solder the contact with center
conductor.
When the solder is stick out, please
shave the extra solder along the contact.
Part Number
Tool
TNC-J-1.5DXW-CR10-120-CF
CR-H-1100
TNC-J-2.5D2W-CR10-CF
CR-H-1105
TNC-J-3D2W-CR10-CF
CR-H-1135
TNC-BJ-2.5DQEW-CF
CR-H-1105
⑤ Insert the above contact into the body. Match the
  key in the insulator and keyway of the contact.
Crimp the root of body as fig.5.
⑥ Cover the heat-shrinkable tube on the root of
the body and heat up.
12
Parts Configulration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com