Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNC-R2-NiCAu-CF Datasheet(PDF) 3 Page - DDK Ltd.

Part # TNC-R2-NiCAu-CF
Description  TNC Style Connector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

TNC-R2-NiCAu-CF Datasheet(HTML) 3 Page - DDK Ltd.

  TNC-R2-NiCAu-CF Datasheet HTML 1Page - DDK Ltd. TNC-R2-NiCAu-CF Datasheet HTML 2Page - DDK Ltd. TNC-R2-NiCAu-CF Datasheet HTML 3Page - DDK Ltd. TNC-R2-NiCAu-CF Datasheet HTML 4Page - DDK Ltd. TNC-R2-NiCAu-CF Datasheet HTML 5Page - DDK Ltd. TNC-R2-NiCAu-CF Datasheet HTML 6Page - DDK Ltd. TNC-R2-NiCAu-CF Datasheet HTML 7Page - DDK Ltd. TNC-R2-NiCAu-CF Datasheet HTML 8Page - DDK Ltd. TNC-R2-NiCAu-CF Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Unit:mm
http://www.ddknet.co.jp
TNC Series
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○Straight Cable Jack
3
Part Number
Applicable
Cable
φA φB L
Finish
Assembly
Instruction Crimp Tool
Outer
Conductor
Center
Conductor
TNC-BJ-2.5D-QEW-CF
2.5D-2W
14.0 6.25 27.9
Ni
Ag
4
CR-H-1105
2.5D-QEW
L
L
TNC-P-2DFB-1
L
TNC-J-1.5DXW-CR10-120
L
L
17.0
5.0
TNC-J-3D2W-CR10
TNC-BJ-2.5DQEW
Panel Mounting Dimensions
L
13
10.2
16.8
2
(Detent Diameter)
(Flat Diameter)
10.4
+0.1
0
φ11.2
+0.1
0 
TNC-PJ-1.5DXW-CR10-M
TNC-PJ-1.5DQEW-CR10
26.8
15.8
2.3
□17.5
12.7
4-φ3.0
12.7
4-φ3.0
φ12.0
30.8
15.8
2.3
18.2±0.05
□25.4
18.2
4-M2.5×0.45
φ12.0
TNC-PJ-2H-1.5D-CR10
24.4
14.7
2.3
12
φ6.0
2-φ3.2
2-φ3.2
4-φ3.0
+0.1
0
+0.1
0
L
L
TNC-P-2DFB-1
L
TNC-J-1.5DXW-CR10-120
L
L
17.0
5.0
TNC-J-3D2W-CR10
TNC-BJ-2.5DQEW
Panel Mounting Dimensions
L
13
10.2
16.8
2
(Detent Diameter)
(Flat Diameter)
10.4
+0.1
0
φ11.2
+0.1
0 
TNC-PJ-1.5DXW-CR10-M
TNC-PJ-1.5DQEW-CR10
26.8
15.8
2.3
□17.5
12.7
4-φ3.0
12.7
4-φ3.0
φ12.0
30.8
15.8
2.3
18.2±0.05
□25.4
18.2
4-M2.5×0.45
φ12.0
TNC-PJ-2H-1.5D-CR10
24.4
14.7
2.3
12
φ6.0
2-φ3.2
2-φ3.2
4-φ3.0
+0.1
0
+0.1
0
※ Mounting Panel Thickness:2.7mm max.
Part Number
Applicable
Cable
φA φB L
Finish
Assembly
Instruction Crimp Tool
Outer
Conductor
Center
Conductor
TNC-J-1.5DXW-CR10-120-CF 2D-FB
5.5 12.0 26.8
Ni
Ag
4
CR-H-1142
TNC-J-2.5D2W-CR10-CF
2.5D-2W
6.25 14.6 25.0
Ni
Ag
4
CR-H-1105
2.5D-QEW
Crimp Type
L
L
TNC-P-2DFB-1
L
TNC-J-1.5DXW-CR10-120
L
L
17.0
5.0
TNC-J-3D2W-CR10
TNC-BJ-2.5DQEW
Panel Mounting Dimensions
L
13
10.2
16.8
2
(Detent Diameter)
(Flat Diameter)
10.4
+0.1
0
φ11.2
+0.1
0 
TNC-PJ-1.5DXW-CR10-M
TNC-PJ-1.5DQEW-CR10
26.8
15.8
2.3
□17.5
12.7
4-φ3.0
12.7
4-φ3.0
φ12.0
30.8
15.8
2.3
18.2±0.05
□25.4
18.2
4-M2.5×0.45
φ12.0
TNC-PJ-2H-1.5D-CR10
24.4
14.7
2.3
12
φ6.0
2-φ3.2
2-φ3.2
4-φ3.0
+0.1
0
+0.1
0
L
L
TNC-P-2DFB-1
L
TNC-J-1.5DXW-CR10-120
L
L
17.0
5.0
TNC-J-3D2W-CR10
TNC-BJ-2.5DQEW
Panel Mounting Dimensions
L
13
10.2
16.8
2
(Detent Diameter)
(Flat Diameter)
10.4
+0.1
0
φ11.2
+0.1
0 
TNC-PJ-1.5DXW-CR10-M
TNC-PJ-1.5DQEW-CR10
26.8
15.8
2.3
□17.5
12.7
4-φ3.0
12.7
4-φ3.0
φ12.0
30.8
15.8
2.3
18.2±0.05
□25.4
18.2
4-M2.5×0.45
φ12.0
TNC-PJ-2H-1.5D-CR10
24.4
14.7
2.3
12
φ6.0
2-φ3.2
2-φ3.2
4-φ3.0
+0.1
0
+0.1
0
Part Number
Applicable
Cable
φA φB L
Finish
Assembly
Instruction Crimp Tool
Outer
Conductor
Center
Conductor
TNC-J-3D2W-CR10-CF
3D-2W
7.9 14.6 25.42
Ni
Ag
4
CR-H-1135
3D-QEW
○ Straight Bulkhead Cable Jack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com