Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNC-R2-NiCAu-CF Datasheet(PDF) 1 Page - DDK Ltd.

Part # TNC-R2-NiCAu-CF
Description  TNC Style Connector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

TNC-R2-NiCAu-CF Datasheet(HTML) 1 Page - DDK Ltd.

  TNC-R2-NiCAu-CF Datasheet HTML 1Page - DDK Ltd. TNC-R2-NiCAu-CF Datasheet HTML 2Page - DDK Ltd. TNC-R2-NiCAu-CF Datasheet HTML 3Page - DDK Ltd. TNC-R2-NiCAu-CF Datasheet HTML 4Page - DDK Ltd. TNC-R2-NiCAu-CF Datasheet HTML 5Page - DDK Ltd. TNC-R2-NiCAu-CF Datasheet HTML 6Page - DDK Ltd. TNC-R2-NiCAu-CF Datasheet HTML 7Page - DDK Ltd. TNC-R2-NiCAu-CF Datasheet HTML 8Page - DDK Ltd. TNC-R2-NiCAu-CF Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
TNC Series
TNC Style Connector
150424
Frequency
Range
DC to 2GHz
50 Ω
Lock Type
Characteristic
Impedance
Screw
FEATURE
Characteristic Impedance
50 Ω
Rated Voltage
500VAC(r.m.s.)
Dielectric Withstanding Voltage 500V AC(r.m.s) / 1 minute
Insulation Resistance
1,000M Ω min. at 500V DC
Contact Resistance
3m Ω max.
V.S.W.R.
1.3 max. (DC 〜 2GHz)
Operating Temperature
-55 〜 +85℃
RoHS
Compliant
RoHS
Compliant
Item
Material / Finish
Shell
Copper Alloy / Ni or Ag Plating
Contact (Female)
Copper Alloy / Ag or Au Plating
Contact (Male)
Copper Alloy /Ag or Au Plating
Insulator
PTFE
Gasket
Silicon Rubber
SPECIFICATIONS
MATERIAL/FINISH
* The specifications are typical but may not apply to all
connectors. Please check the specifications on each item with
its drawing from us when you use.
・TNC series is a thread coupling coaxial
connector which is modified BNC style
connector.
・Due to the thread coupling, it is superior to
BNC style connector in vibration load.
・Other electrical and mechanical characteristics
are same as BNC style connector.
・Recommended toque of coupling is
45 〜 68.6N・cm.
CONFORMING STANDARD
MIL-PRF-39012


Similar Part No. - TNC-R2-NiCAu-CF

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
TNC-15-12 PREMO-TNC-15-12 Datasheet
227Kb / 3P
50/60 Hz Low Profile UL Approved Transformers 15W-42W
TNC-15-15 PREMO-TNC-15-15 Datasheet
227Kb / 3P
50/60 Hz Low Profile UL Approved Transformers 15W-42W
TNC-15-18 PREMO-TNC-15-18 Datasheet
227Kb / 3P
50/60 Hz Low Profile UL Approved Transformers 15W-42W
TNC-15-24 PREMO-TNC-15-24 Datasheet
227Kb / 3P
50/60 Hz Low Profile UL Approved Transformers 15W-42W
TNC-15-6 PREMO-TNC-15-6 Datasheet
227Kb / 3P
50/60 Hz Low Profile UL Approved Transformers 15W-42W
More results

Similar Description - TNC-R2-NiCAu-CF

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RF7-17-T-00-50 ADAM-TECH-RF7-17-T-00-50 Datasheet
133Kb / 1P
TNC FEMALE CONNECTOR
logo
List of Unclassifed Man...
ANT-DB1-RMS-RPS ETC2-ANT-DB1-RMS-RPS Datasheet
185Kb / 1P
RP-SMA or TNC connector
logo
Pasternack Enterprises,...
PE45130 PASTERNACK-PE45130 Datasheet
338Kb / 3P
TNC Female Bulkhead Mount Connector Solder TNC Female Bulkhead Mount Connector Solder
logo
DDK Ltd.
N-SERIES DDK-N-SERIES Datasheet
321Kb / 12P
N Style Coaxial Connector
PSC2 DDK-PSC2 Datasheet
119Kb / 2P
SMB Style Connector
BNC-P-3-CF DDK-BNC-P-3-CF Datasheet
435Kb / 15P
BNC Style Connector
logo
Pasternack Enterprises,...
PE4470 PASTERNACK-PE4470_16 Datasheet
324Kb / 3P
TNC Male Connector Solder Attachment
logo
Mini-Circuits
ACUDIAL-BNCTNC MINI-ACUDIAL-BNCTNC Datasheet
302Kb / 2P
BNC-TNC Connector Gage Kit
logo
Huber+Suhner, Inc.
46_TNC-50-0-1133_N HUBERSUHNER-46_TNC-50-0-1133_N Datasheet
518Kb / 2P
COAXIAL ADAPTER, TNC, 50 Ohm, T-style, 3 jacks (female)
53_TNC-50-0-1133_N HUBERSUHNER-53_TNC-50-0-1133_N Datasheet
497Kb / 2P
COAXIAL ADAPTER, TNC, 50 Ohm, L-style, plug / jack (male / female)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com