Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEAP1W Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LEAP1W
Description  Projection
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEAP1W Datasheet(HTML) 5 Page - OSRAM GmbH

  LEAP1W Datasheet HTML 1Page - OSRAM GmbH LEAP1W Datasheet HTML 2Page - OSRAM GmbH LEAP1W Datasheet HTML 3Page - OSRAM GmbH LEAP1W Datasheet HTML 4Page - OSRAM GmbH LEAP1W Datasheet HTML 5Page - OSRAM GmbH LEAP1W Datasheet HTML 6Page - OSRAM GmbH LEAP1W Datasheet HTML 7Page - OSRAM GmbH LEAP1W Datasheet HTML 8Page - OSRAM GmbH LEAP1W Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Version 1.11 - OS-PCN-2015-011-A
LE A P1W
2016-01-19
5
Brightness Groups
Helligkeitsgruppen
Dominant Wavelength Groups
2) page 20
Dominant Wellenlängengruppen
2) Seite 20
Group
Luminous Flux 1) page 20
Luminous Flux 1) page 20
Gruppe
Lichtstrom 1) Seite 20
Lichtstrom 1) Seite 20
(min.) Φ
V [lm]
(max.) Φ
V [lm]
RX
1120
1300
RY
1300
1500
RZ
1500
1800
Group
amber
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
2
612
618
3
618
624
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com