Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEBRQ7WM Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LEBRQ7WM
Description  Near-to-Eye Displays
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBRQ7WM Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LEBRQ7WM Datasheet HTML 7Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 8Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 9Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 10Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 11Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 12Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 13Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 14Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Version 1.2
LE BR Q7WM
2017-07-25
11
Dominante Wellenlänge
2) Seite 18
Dominant Wavelength
2) page 18
∆λ
dom = λdom − λdom (25 °C) = f (Tj); IF = 350 mA; blue
Dominante Wellenlänge
2) Seite 18
Dominant Wavelength
2) page 18
∆λ
dom = λdom − λdom (25 °C) = f (Tj); IF = 350 mA; red
LE BR Q7WM
-40
-20
0
20
40
60
80
100
Tj [°C]
-6
-4
-2
0
2
4
6
∆λ dom [nm]
: blue
LE BR Q7WM
-40
-20
0
20
40
60
80
100
Tj [°C]
-6
-4
-2
0
2
4
6
∆λ dom [nm]
: red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com