Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEBRQ7WM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEBRQ7WM
Description  Near-to-Eye Displays
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBRQ7WM Datasheet(HTML) 1 Page - OSRAM GmbH

  LEBRQ7WM Datasheet HTML 1Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 2Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 3Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 4Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 5Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 6Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 7Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 8Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LE BR Q7WM
2017-07-25
1
OSRAM OSTAR Projection Compact
Datasheet
Version 1.2
Compact lightsource in SMT technology, glass
window on top, RoHS compliant
Features
• Package: compact lightsource in SMT
technology with glass window on top
• Technology: ThinGaN; InGaAlP
• Color: blue (465 nm); red (617 nm)
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-F
• Viewing angle at 50% I
V: 120°
Applications
• Projection; embedded or companion projectors
for mobile devices (e.g. mobile phones, laptop,
digital cameras, MP3 players)
• Near-to-Eye Displays
Kompakte Lichtquelle in SMT Technologie,
Abdeckung mit Glasfenster, RoHS konform
Besondere Merkmale
• Gehäusetyp: Kompakte Lichtquelle in SMT
Technologie mit Glasabdeckung
• Technologie: ThinGaN; InGaAlP
• Farbe: blue (465 nm); red (617 nm)
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-F
• Abstrahlwinkel bei 50% I
V: 120°
Anwendungen
• Projektion; integrierte oder eigenständige
Projektoren für mobile Geräte (z.B. in
Mobiltelefone, Laptop, Digitalkameras,
MP3-Player)
• Near-to-Eye Displays


Similar Part No. - LEBRQ7WM

ManufacturerPart #DatasheetDescription
logo
ams AG
LEBRQ7WM.02 AMSCO-LEBRQ7WM.02 Datasheet
2Mb / 26P
Compact light source in SMT technology, glass window on top, RoHS compliant
Version 1.0 2022-03-15
logo
OSRAM GmbH
LEBRQ7WM.03 OSRAM-LEBRQ7WM.03 Datasheet
2Mb / 25P
Compact light source in SMT technology, glass window on top, RoHS compliant
Version 1.1 2023-12-28
LEBRQ7WM.0A OSRAM-LEBRQ7WM.0A Datasheet
2Mb / 28P
Compact light source in SMT technology, glass window on top, RoHS compliant
Version 1.1 2024-01-04
More results

Similar Description - LEBRQ7WM

ManufacturerPart #DatasheetDescription
logo
Rohm
SJ3002-EC60A ROHM-SJ3002-EC60A Datasheet
78Kb / 5P
Near edge thermal Printhead
logo
Hamamatsu Corporation
S1336 HAMAMATSU-S1336 Datasheet
232Kb / 4P
Si photodiode UV to near IR for precision photometry
logo
STMicroelectronics
ST21NFCA STMICROELECTRONICS-ST21NFCA Datasheet
263Kb / 6P
Near field communication microcontroller
08-Feb-2008
logo
Marktech Corporate
MT5720-IR MARKTECH-MT5720-IR Datasheet
595Kb / 2P
Near Infrared LED
MT5720-IR MARKTECH-MT5720-IR_15 Datasheet
595Kb / 2P
Near Infrared LED
logo
Hamamatsu Corporation
G9203-256D HAMAMATSU-G9203-256D_15 Datasheet
232Kb / 9P
Near infrared (0.9 to 1.7 m) image sensors
logo
Texas Instruments
DLP4500NIR TI1-DLP4500NIR Datasheet
2Mb / 58P
WXGA Near-Infared DMD
logo
OSRAM GmbH
LETQ8WM OSRAM-LETQ8WM Datasheet
887Kb / 23P
Near-to-Eye Displays
logo
Lumileds Lighting Compa...
WP14 LUMILEDS-WP14 Datasheet
684Kb / 7P
LEDs: coming soon to a street light near you
logo
STMicroelectronics
ST25R95 STMICROELECTRONICS-ST25R95 Datasheet
874Kb / 61P
Near field communication transceiver
Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com