Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LETQ8WM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LETQ8WM
Description  Near-to-Eye Displays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LETQ8WM Datasheet(HTML) 1 Page - OSRAM GmbH

  LETQ8WM Datasheet HTML 1Page - OSRAM GmbH LETQ8WM Datasheet HTML 2Page - OSRAM GmbH LETQ8WM Datasheet HTML 3Page - OSRAM GmbH LETQ8WM Datasheet HTML 4Page - OSRAM GmbH LETQ8WM Datasheet HTML 5Page - OSRAM GmbH LETQ8WM Datasheet HTML 6Page - OSRAM GmbH LETQ8WM Datasheet HTML 7Page - OSRAM GmbH LETQ8WM Datasheet HTML 8Page - OSRAM GmbH LETQ8WM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2017-07-25
1
2017-07-25
OSRAM OSTAR Projection Compact
Datasheet
Version 1.0
LE T Q8WM
Compact light source in SMT technology, glass
window on top, RoHS compliant
Kompakte Lichtquelle in SMT Technologie,
Abdeckung mit Glasfenster, RoHS konform
Features:
Besondere Merkmale:
•
Package: compact lightsource in SMT technology
with glass window on top
•
Gehäusetyp: Kompakte Lichtquelle in SMT
Technologie mit Glasabdeckung
•
Technology: ThinGaN (UX:3)
•
Technologie: ThinGaN (UX:3)
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: true green (530 nm)
•
Farbe: true green (530 nm)
Applications
Anwendungen
•
Projection
•
Projektion
•
Near-to-Eye Displays
•
Near-to-Eye Displays


Similar Part No. - LETQ8WM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LETQ8WP OSRAM-LETQ8WP Datasheet
839Kb / 23P
OSRAM OSTAR Projection Compact
LETQ8WP-MBNB-34 OSRAM-LETQ8WP-MBNB-34 Datasheet
791Kb / 23P
Compact light source in SMT technology
LETQ8WP-MBNB-34 OSRAM-LETQ8WP-MBNB-34 Datasheet
839Kb / 23P
OSRAM OSTAR Projection Compact
More results

Similar Description - LETQ8WM

ManufacturerPart #DatasheetDescription
logo
Rohm
SJ3002-EC60A ROHM-SJ3002-EC60A Datasheet
78Kb / 5P
Near edge thermal Printhead
logo
Hamamatsu Corporation
S1336 HAMAMATSU-S1336 Datasheet
232Kb / 4P
Si photodiode UV to near IR for precision photometry
logo
STMicroelectronics
ST21NFCA STMICROELECTRONICS-ST21NFCA Datasheet
263Kb / 6P
Near field communication microcontroller
08-Feb-2008
logo
Marktech Corporate
MT5720-IR MARKTECH-MT5720-IR Datasheet
595Kb / 2P
Near Infrared LED
MT5720-IR MARKTECH-MT5720-IR_15 Datasheet
595Kb / 2P
Near Infrared LED
logo
Hamamatsu Corporation
G9203-256D HAMAMATSU-G9203-256D_15 Datasheet
232Kb / 9P
Near infrared (0.9 to 1.7 m) image sensors
logo
Texas Instruments
DLP4500NIR TI1-DLP4500NIR Datasheet
2Mb / 58P
WXGA Near-Infared DMD
logo
OSRAM GmbH
LEBRQ7WM OSRAM-LEBRQ7WM Datasheet
719Kb / 18P
Near-to-Eye Displays
logo
Lumileds Lighting Compa...
WP14 LUMILEDS-WP14 Datasheet
684Kb / 7P
LEDs: coming soon to a street light near you
logo
STMicroelectronics
ST25R95 STMICROELECTRONICS-ST25R95 Datasheet
874Kb / 61P
Near field communication transceiver
Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com