Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LETQ8WM Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LETQ8WM
Description  Near-to-Eye Displays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LETQ8WM Datasheet(HTML) 5 Page - OSRAM GmbH

  LETQ8WM Datasheet HTML 1Page - OSRAM GmbH LETQ8WM Datasheet HTML 2Page - OSRAM GmbH LETQ8WM Datasheet HTML 3Page - OSRAM GmbH LETQ8WM Datasheet HTML 4Page - OSRAM GmbH LETQ8WM Datasheet HTML 5Page - OSRAM GmbH LETQ8WM Datasheet HTML 6Page - OSRAM GmbH LETQ8WM Datasheet HTML 7Page - OSRAM GmbH LETQ8WM Datasheet HTML 8Page - OSRAM GmbH LETQ8WM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Version 1.0
LE T Q8WM
2017-07-25
5
Brightness Groups
Helligkeitsgruppen
Dominant Wavelength Groups
2) page 22
Dominant Wellenlängengruppen
2) Seite 22
Group
Luminous Flux 1) page 22
Luminous Flux 1) page 22
Gruppe
Lichtstrom 1) Seite 22
Lichtstrom 1) Seite 22
(min.) Φ
V [lm]
(max.) Φ
V [lm]
KX
71
82
KY
82
97
KZ
97
112
Group
true green
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
2
518
524
3
524
530
4
530
536
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com