Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOT64F Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LOT64F
Description  Information Displays
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOT64F Datasheet(HTML) 1 Page - OSRAM GmbH

  LOT64F Datasheet HTML 1Page - OSRAM GmbH LOT64F Datasheet HTML 2Page - OSRAM GmbH LOT64F Datasheet HTML 3Page - OSRAM GmbH LOT64F Datasheet HTML 4Page - OSRAM GmbH LOT64F Datasheet HTML 5Page - OSRAM GmbH LOT64F Datasheet HTML 6Page - OSRAM GmbH LOT64F Datasheet HTML 7Page - OSRAM GmbH LOT64F Datasheet HTML 8Page - OSRAM GmbH LOT64F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2016-11-03
1
2016-11-03
TOPLED Black
Datasheet
Version 2.4 ( OS-PCN-2016-025-A)
LO T64F
TOPLED Black is especially designed for variable
message signs (VMS) and price changers. The black
package offers premium contrast for display panels.
TOPLED Black ist speziell für den Einsatz in
elektronischen Textanzeigen (VMS) und
Preisanzeigen entwickelt worden. Das schwarze
Gehäuse bietet exzellenten Kontrast für den Einsatz in
Displays.
Features:
Besondere Merkmale:
•
Package: black PLCC-2 package, colorless resin
•
Gehäusetyp: schwarzes PLCC-2 Gehäuse,
farbloser Verguss
•
Technology: InGaAlP Thinfilm
•
Technologie: InGaAlP Thinfilm
•
Viewing angle at 50 % I
V: 30°
•
Abstrahlwinkel bei 50 % I
V: 30°
•
Color: orange (606 nm)
•
Farbe: orange (606 nm)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Information Displays
•
Informationsanzeigen
•
Signaling
•
Signalanlagen
•
Signal and Symbol Luminary
•
Signal- und Symbolleuchten
•
Variable Message Signs (VMS)
•
Wechselanzeigen (VMS)


Similar Part No. - LOT64F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOT64F-BBDB-24-1 OSRAM-LOT64F-BBDB-24-1 Datasheet
2Mb / 16P
TOPLED Black Series Black package with lens, enhanced Thinfilm LED
More results

Similar Description - LOT64F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOM67K OSRAM-LOM67K Datasheet
501Kb / 20P
Information Displays
LPM67K OSRAM-LPM67K Datasheet
501Kb / 20P
Information Displays
LRT66F OSRAM-LRT66F Datasheet
2Mb / 23P
Information Displays
LRT68F OSRAM-LRT68F Datasheet
545Kb / 22P
Information Displays
LYM67K OSRAM-LYM67K Datasheet
503Kb / 20P
Information Displays
LYQ396 OSRAM-LYQ396 Datasheet
1Mb / 20P
Information Displays
LYT64F OSRAM-LYT64F Datasheet
2Mb / 24P
Information Displays
LYT66F OSRAM-LYT66F Datasheet
706Kb / 23P
Information Displays
LYT68F OSRAM-LYT68F Datasheet
549Kb / 22P
Information Displays
LBT66G OSRAM-LBT66G Datasheet
2Mb / 23P
Information Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com