Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOT64F Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LOT64F
Description  Information Displays
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOT64F Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LOT64F Datasheet HTML 6Page - OSRAM GmbH LOT64F Datasheet HTML 7Page - OSRAM GmbH LOT64F Datasheet HTML 8Page - OSRAM GmbH LOT64F Datasheet HTML 9Page - OSRAM GmbH LOT64F Datasheet HTML 10Page - OSRAM GmbH LOT64F Datasheet HTML 11Page - OSRAM GmbH LOT64F Datasheet HTML 12Page - OSRAM GmbH LOT64F Datasheet HTML 13Page - OSRAM GmbH LOT64F Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
2016-11-03
10
Version 2.4 ( OS-PCN-2016-025-A)
LO T64F
Forward Current 6) page 23 , 7) page 23
Durchlassstrom 6) Seite 23 , 7) Seite 23
IF = f (VF); TS = 25 °C
Relative Partial Flux 6) page 23 , 7) page 23
Relativer Partieller Lichtfluss 6) Seite 23 , 7) Seite 23
EV/EV(20 mA) = f(IF); TS = 25 °C
LOT64F
1,8
1,9
2,0
2,1
2,2
2,3
2,4
VF [V]
2
3
4
5
10
20
30
40
50
IF [mA]
LOT64F
IF [mA]
0,0
0,5
1,0
1,5
2,0
2,5
EV
EV(20 mA )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com