Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5252 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5252
Description  Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5252 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5252 Datasheet HTML 17Page - Analog Devices AD5252 Datasheet HTML 18Page - Analog Devices AD5252 Datasheet HTML 19Page - Analog Devices AD5252 Datasheet HTML 20Page - Analog Devices AD5252 Datasheet HTML 21Page - Analog Devices AD5252 Datasheet HTML 22Page - Analog Devices AD5252 Datasheet HTML 23Page - Analog Devices AD5252 Datasheet HTML 24Page - Analog Devices AD5252 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD5251/AD5252
Rev. 0 | Page 21 of 28
DIGITAL INPUT/OUTPUT CONFIGURATION
SDA is a digital input/output with an open-drain MOSFET that
requires a pull-up resistor for proper communication. On the
other hand, SCL and WP are digital inputs for which pull-up
resistors are recommended to minimize the MOSFETs cross
conduction current when the driving signals are lower than
VDD. SCL and WP have ESD protection diodes, as shown in
Figure 35 and Figure 36.
WP can be permanently tied to VDD without a pull-up resistor if
the write-protect feature is not used. If WP is left floating, an
internal current source pulls it low to enable write-protect. In
applications where the device is not being programmed on a
frequent basis, this allows the part to default to write-protect
after any one-time factory programming or field calibration
without the use of an on board pull-down resistor. Because
there are protection diodes on all these inputs, their signal levels
must not be greater than VDD to prevent forward biasing of the
diodes.
GND
SCL
VDD
Figure 35. SCL Digital Input
GND
INPUTS
WP
VDD
Figure 36. Equivalent WP Digital Input
MULTIPLE DEVICES ON ONE BUS
The AD5251/AD5252 are equipped with two addressing pins,
AD1 and AD0, that allow up to four AD5251/AD5252s to be
operated on one I2C bus. To achieve this result, the states of
AD1 and AD0 on each device must first be defined. An example
is shown in Table 12 and Figure 37. In I2C programming, each
device is issued a different slave address—01011(AD1)(AD0)—
to complete the addressing.
Table 12. Multiple Devices Addressing
AD1
AD0
Device Addressed
0
0
U1
0
1
U2
1
0
U3
1
1
U4
VDD
RP
RP
+5V
VDD
VDD
U1
AD0
AD1
SDA SCL
MASTER
U2
AD0
AD1
SDA SCL
U3
AD0
AD1
SDA SCL
U4
AD0
AD1
SDA
SDA
SCL
SCL
Figure 37. Multiple AD5251/AD5252s on a Single Bus
TERMINAL VOLTAGE OPERATION RANGE
The AD5251/AD5252 are designed with internal ESD diodes
for protection; these diodes also set the boundary of the
terminal operating voltages. Positive signals present on
Terminal A, B, or W that exceed VDD are clamped by the
forward biased diode. Similarly, negative signals on Terminal A,
B, or W that are more negative than VSS are also clamped (see
Figure 38). In practice, users should not operate VAB, VWA, and
VWB to be higher than the voltage across VDD to VSS, but VAB,
VWA, and VWB have no polarity constraint.
VSS
VDD
A
W
B
Figure 38. Maximum Terminal Voltages Set by VDD and VSS
POWER-UP AND POWER-DOWN SEQUENCES
Because the ESD protection diodes limit the voltage compliance
at terminals A, B, and W (see Figure 38), it is important to
power-on VDD/VSS before applying any voltage to Terminals A,
B, and W. Otherwise, the diodes are forward-biased such that
VDD/VSS are powered unintentionally and may affect the rest of
the user’s circuit. Similarly, VDD/VSS should be powered down
last. The ideal power-up sequence is in the following order:
GND, VDD, VSS, digital inputs, and VA/VB/VW. The order of
powering VA, VB, VW, and the digital inputs is not important, as
long as they are powered after VDD/VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com