Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3417 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3417
Description  Dual Bootstrapped MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3417 Datasheet(HTML) 1 Page - Analog Devices

  ADP3417 Datasheet HTML 1Page - Analog Devices ADP3417 Datasheet HTML 2Page - Analog Devices ADP3417 Datasheet HTML 3Page - Analog Devices ADP3417 Datasheet HTML 4Page - Analog Devices ADP3417 Datasheet HTML 5Page - Analog Devices ADP3417 Datasheet HTML 6Page - Analog Devices ADP3417 Datasheet HTML 7Page - Analog Devices ADP3417 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADP3417
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Dual Bootstrapped
MOSFET Driver
FUNCTIONAL BLOCK DIAGRAM
IN
VCC
OVERLAP
PROTECTION
CIRCUIT
BST
DRVH
SW
DRVL
PGND
ADP3417
FEATURES
All-In-One Synchronous Buck Driver
Bootstrapped High Side Drive
One PWM Signal Generates Both Drives
Anticross-Conduction Protection Circuitry
APPLICATIONS
Multiphase Desktop CPU Supplies
Single-Supply Synchronous Buck Converters
Standard-to-Synchronous Converter Adaptations
GENERAL DESCRIPTION
The ADP3417 is a dual MOSFET driver optimized for driving
two N-channel MOSFETs which are the two switches in a
nonisolated synchronous buck power converter. Each of the
drivers is capable of driving a 3000 pF load with a 20 ns propa-
gation delay and a 30 ns transition time. One of the drivers can
be bootstrapped and is designed to handle the high voltage
slew rate associated with “floating” high side gate drivers.
The ADP3417 includes overlapping drive protection (ODP)
to prevent shoot-through current in the external MOSFETs.
The ADP3417 is specified over the commercial temperature
range of 0
°C to 70°C and is available in an 8-lead SOIC package.
IN
VCC
ADP3417
BST
DRVH
SW
DRVL
PGND
DELAY
1V
12V
CBST
Q1
Q2
D1
TO
INDUCTOR
1V
Figure 1. General Application Circuit


Similar Part No. - ADP3417

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3410 AD-ADP3410 Datasheet
148Kb / 11P
Dual MOSFET Driver with Bootstrapping
REV.0
ADP3410KRU AD-ADP3410KRU Datasheet
148Kb / 11P
Dual MOSFET Driver with Bootstrapping
REV.0
ADP3412 AD-ADP3412 Datasheet
135Kb / 8P
Dual MOSFET Driver with Bootstrapping
REV.0
ADP3412JR AD-ADP3412JR Datasheet
135Kb / 8P
Dual MOSFET Driver with Bootstrapping
REV.0
ADP3413 AD-ADP3413 Datasheet
142Kb / 8P
Dual Bootstrapped MOSFET Driver with Output Disable
REV.0
More results

Similar Description - ADP3417

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3413 AD-ADP3413 Datasheet
142Kb / 8P
Dual Bootstrapped MOSFET Driver with Output Disable
REV.0
ADP3414 AD-ADP3414 Datasheet
141Kb / 8P
Dual Bootstrapped MOSFET Driver
REV.0
logo
Vishay Siliconix
SI9913 VISHAY-SI9913 Datasheet
52Kb / 6P
Dual MOSFET Bootstrapped Driver with Break-Before-Make
21-Dec-00
logo
Fairchild Semiconductor
FAN5009 FAIRCHILD-FAN5009 Datasheet
167Kb / 13P
Dual Bootstrapped 12V MOSFET Driver
FAN5109 FAIRCHILD-FAN5109 Datasheet
119Kb / 13P
Dual Bootstrapped 12V MOSFET Driver
logo
Analog Devices
ADP3416 AD-ADP3416 Datasheet
140Kb / 8P
Dual Bootstrapped MOSFET Driver
08/02-Data Sheet changed from REV. 0 to REV. A.
logo
Fairchild Semiconductor
FAN5109B FAIRCHILD-FAN5109B Datasheet
696Kb / 14P
Dual Bootstrapped 12V MOSFET Driver
logo
ON Semiconductor
ADP3414 ONSEMI-ADP3414 Datasheet
383Kb / 9P
Dual Bootstrapped MOSFET Driver
May 2010 - Rev. 3
ADP3120A ONSEMI-ADP3120A_12 Datasheet
126Kb / 8P
Dual Bootstrapped, 12 V MOSFET Driver
June, 2012 ??Rev. 4
logo
Lowpower Semiconductor ...
LP1113 POWER-LP1113 Datasheet
659Kb / 8P
Dual Bootstrapped, 12V MOSFET Driver with Output Disable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com