Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9736-EB Datasheet(PDF) 21 Page - Analog Devices

Part # AD9736-EB
Description  14/12/10-Bit, 1200 MSPS D/A Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736-EB Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9736-EB Datasheet HTML 17Page - Analog Devices AD9736-EB Datasheet HTML 18Page - Analog Devices AD9736-EB Datasheet HTML 19Page - Analog Devices AD9736-EB Datasheet HTML 20Page - Analog Devices AD9736-EB Datasheet HTML 21Page - Analog Devices AD9736-EB Datasheet HTML 22Page - Analog Devices AD9736-EB Datasheet HTML 23Page - Analog Devices AD9736-EB Datasheet HTML 24Page - Analog Devices AD9736-EB Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Preliminary Technical Data
AD9736/AD9735/AD9734
Rev. PrJ | Page 21 of 42
configurations or initiating a software reset is highly
recommended. In the event of unexpected programming sequences
the AD9736 SPI may become inaccessible. For example, if user
code inadvertently changes the LONG_INS bit or LSBFIRST bit the
following bits may have unexpected results. The SPI can be
returned to a known state by writing an incomplete byte (1-7 bits)
of all zeroes followed by three bytes of 0x00. This will return to
MSB first short instructions (REG00 = 0x00) so the device may be
reinitialized.
R/W N0N1
A0 A1
A2
A3 A4D7 D6N D5N
D00
D10
D20
D30
D7 D6N D5N
D00
D10
D20
D30
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
CSB
SCLK
SDIO
SDO
Figure 19. Serial Register Interface Timing MSB First
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
CSB
SCLK
SDIO
SDO
A0
A1
A2
A3 A4
N1
N0 R/W D0 D10 D20
D7N
D6N
D5N
D4N
D0D10 D20
D7N
D6N
D5N
D4N
Figure 20. Serial Register Interface Timing LSB First
INSTRUCTION BIT 6
INSTRUCTION BIT 7
CSB
SCLK
SDIO
tDS
tDS
tDH
tPWH
tPWL
tSCLK
Figure 21. Timing Diagram for SPI Register Write
I1
I0
D7
D6
D5
t
DV
t
DNV
CSB
SCLK
SDIO
Figure 22. Timing Diagram for SPI Register Read
After the last instruction bit is written to the SDIO pin the driving
signal must be set to a high impedance in time for the bus to turn
around. The serial output data from the AD9736 will be enabled by
the falling edge of SCLK. This causes the first output data bit to be
shorter than the remaining data bits as shown in Figure 22.
PIN MODE OPERATION
When the PIN_MODE input (pin L1) is set high, the SPI port is
disabled. The SPI port pins are remapped as shown in Table 10. The
function of these pins is described in Table 11. The remaining
PIN_MODE register settings are shown in Table 5, the SPI register
map.
Pin Number
PIN_MODE = 0
PIN_MODE = 1
E13
IRQ
UNSIGNED
F13
CSB
2X
G13
SCLK
FSC0
E14
RESET
PD
F14
SDIO
FIFO
G14
SDO
FSC1
Table 10. SPI_MODE vs. PIN_MODE Inputs
Pin
Function
UNSIGNED
0, Two’s complement input data format
1, Unsigned input data format
2X
0, Interpolation disabled
1, Interpolation = 2x enabled
FSC1, FSC0
00, Sleep mode
01, 10mA full scale output current
10, 20mA full scale output current
11, 30mA full scale output current
PD
0, Chip enabled
1, Chip in power down state
FIFO
0, Input FIFO disabled
1, Input FIFO enabled
Table 11. PIN_MODE Input Functions
Care must be taken when using PIN_MODE since only the control
bits shown in Table 11 can be changed. If the remaining register
default values are not suitable for the desired operation
PIN_MODE cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com