Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9736-EB Datasheet (PDF) - Analog Devices

AD9736-EB Datasheet PDF - Analog Devices
Part # AD9736-EB
Download  AD9736-EB Download
File Size   934.23 Kbytes
Page   42 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14/12/10-Bit, 1200 MSPS D/A Converters

AD9736-EB Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9736-EB Datasheet PDF - Analog Devices

Part # AD9736-EB
Download  AD9736-EB Click to download

File Size   934.23 Kbytes
Page   42 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14/12/10-Bit, 1200 MSPS D/A Converters

AD9736-EB Datasheet (HTML) - Analog Devices


AD9736-EB Product details

GENERAL DESCRIPTION
The AD9736, AD9735, and AD9734 are high performance, high frequency DACs that provide sample rates of up to 1200 MSPS, permitting multicarrier generation up to their Nyquist frequency. The AD9736 is the 14-bit member of the family, while the AD9735 and the AD9734 are the 12-bit and 10-bit members, respectively. They include a serial peripheral interface (SPI) port that provides for programming of many internal parameters and enables readback of status registers.

FEATURES
   Pin-compatible family
   Excellent dynamic performance
      AD9736: SFDR = 82 dBc at fOUT = 30 MHz
      AD9736: SFDR = 69 dBc at fOUT = 130 MHz
      AD9736: IMD = 87 dBc at fOUT = 30 MHz
      AD9736: IMD = 82 dBc at fOUT = 130 MHz
   LVDS data interface with on-chip 100 Ω terminations
   Built-in self test
      LVDS sampling integrity
      LVDS-to-DAC data transfer integrity
   Low power: 380 mW (IFS = 20 mA; fOUT = 330 MHz)
   1.8/3.3 V dual-supply operation
   Adjustable analog output
      8.66 mA to 31.66 mA (RL = 25 Ω to 50 Ω)
   On-chip 1.2 V reference
   160-lead chip scale ball grid array (CSP_BGA) package

APPLICATIONS
   Broadband communications systems
      Cellular infrastructure (digital predistortion)
      Point-to-point wireless
      CMTS/VOD
   Instrumentation, automatic test equipment
   Radar, avionics




Similar Part No. - AD9736-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9736-EB AD-AD9736-EB Datasheet
1Mb / 72P
10-/12-/14-Bit, 1200 MSPS DACS
REV. A
More results


Similar Description - AD9736-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9712B AD-AD9712B Datasheet
329Kb / 12P
12-Bit, 100 MSPS D/A Converters
REV.B
logo
Intersil Corporation
HI5808 INTERSIL-HI5808 Datasheet
115Kb / 12P
12-Bit, 10 MSPS A/D Converter
02 1999
logo
Analog Devices
AD9704 AD-AD9704 Datasheet
2Mb / 52P
8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
7/06-Revision 0
AD9734 AD-AD9734_06 Datasheet
1Mb / 72P
10-/12-/14-Bit, 1200 MSPS DACS
REV. A
AD9712B AD-AD9712B_15 Datasheet
271Kb / 12P
12-Bit, 100 MSPS D/A Converters
REV. B
AD9713 AD-AD9713_15 Datasheet
2Mb / 8P
12 BIT 100 MSPS D/A CONVERTERS
REV. A
AD9713B AD-AD9713B_15 Datasheet
333Kb / 12P
12-Bit, 100 MSPS D/A Converters
REV. B
AD9734 AD-AD9734_15 Datasheet
1Mb / 72P
10-/12-/14-Bit, 1200 MSPS DACS
REV. A
AD9735 AD-AD9735_15 Datasheet
1Mb / 72P
10-/12-/14-Bit, 1200 MSPS DACS
REV. A
AD9736 AD-AD9736_15 Datasheet
1Mb / 72P
10-/12-/14-Bit, 1200 MSPS DACS
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com