Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9712B Datasheet (PDF) - Analog Devices

AD9712B Datasheet PDF - Analog Devices
Part # AD9712B
Download  AD9712B Download
File Size   329.74 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 100 MSPS D/A Converters

AD9712B Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9712B Datasheet PDF - Analog Devices

Part # AD9712B
Download  AD9712B Click to download

File Size   329.74 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 100 MSPS D/A Converters

AD9712B Datasheet (HTML) - Analog Devices


AD9712B Product details

GENERAL DESCRIPTION

The AD9712B and AD9713B D/A converters are replacements for the AD9712 and AD9713 units which offer improved ac and dc performance. Like their predecessors, they are 12-bit, high speed digital-to-analog converters fabricated in an advanced oxide isolated bipolar process. The AD9712B is an ECL compatible device featuring update rates of 100 MSPS mini mum; the TTL-compatible AD9713B will update at 80 MSPS minimum.



FEATURES

100 MSPS Update Rate

ECL/TTL Compatibility

SFDR @ 1 MHz: 70 dBc

Low Glitch Impulse: 28 pV-s

Fast Settling: 27 ns

Low Power: 725 mW

1/2 LSB DNL (B Grade)

40 MHz Multiplying Bandwidth



APPLICATIONS

ATE

Signal Reconstruction

Arbitrary Waveform Generators

Digital Synthesizers

Signal Generators



 




Similar Part No. - AD9712B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9712B AD-AD9712B_15 Datasheet
271Kb / 12P
12-Bit, 100 MSPS D/A Converters
REV. B
More results


Similar Description - AD9712B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5731 INTERSIL-HI5731 Datasheet
370Kb / 15P
12-Bit, 100 MSPS, High Speed D/A Converter
May 2000
logo
Analog Devices
AD9734 AD-AD9734 Datasheet
934Kb / 42P
14/12/10-Bit, 1200 MSPS D/A Converters
AD9704 AD-AD9704 Datasheet
2Mb / 52P
8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
7/06-Revision 0
AD9220ARZ AD-AD9220ARZ Datasheet
412Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS ithic A/D Converters
Rev. E
AD9712B AD-AD9712B_15 Datasheet
271Kb / 12P
12-Bit, 100 MSPS D/A Converters
REV. B
AD9713 AD-AD9713_15 Datasheet
2Mb / 8P
12 BIT 100 MSPS D/A CONVERTERS
REV. A
AD9220 AD-AD9220_15 Datasheet
518Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221 AD-AD9221_15 Datasheet
518Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9223 AD-AD9223_15 Datasheet
518Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9713B AD-AD9713B_15 Datasheet
333Kb / 12P
12-Bit, 100 MSPS D/A Converters
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com