Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9712B Datasheet(PDF) 1 Page - Analog Devices

Part # AD9712B
Description  12-Bit, 100 MSPS D/A Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9712B Datasheet(HTML) 1 Page - Analog Devices

  AD9712B Datasheet HTML 1Page - Analog Devices AD9712B Datasheet HTML 2Page - Analog Devices AD9712B Datasheet HTML 3Page - Analog Devices AD9712B Datasheet HTML 4Page - Analog Devices AD9712B Datasheet HTML 5Page - Analog Devices AD9712B Datasheet HTML 6Page - Analog Devices AD9712B Datasheet HTML 7Page - Analog Devices AD9712B Datasheet HTML 8Page - Analog Devices AD9712B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FUNCTIONAL BLOCK DIAGRAM
REFERENCE
IN
DECODERS
AND
DRIVERS
SWITCH
NETWORK
I OUT
CONTROL
AMP OUT
REFERENCE
OUT
CONTROL
AMP IN
R SET
LATCH
ENABLE
AD9712B/AD9713B
(MSB)
(LSB)
DIGITAL
INPUTS
D1
THRU
D12
I OUT
+
–
CONTROL
AMP
16
14
19
26
17
18
28
24
1
11
20
INTERNAL
VOLTAGE
REFERENCE
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
12-Bit, 100 MSPS
D/A Converters
AD9712B/AD9713B
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
100 MSPS Update Rate
ECL/TTL Compatibility
SFDR @ 1 MHz: 70 dBc
Low Glitch Impulse: 28 pV-s
Fast Settling: 27 ns
Low Power: 725 mW
1/2 LSB DNL (B Grade)
40 MHz Multiplying Bandwidth
APPLICATIONS
ATE
Signal Reconstruction
Arbitrary Waveform Generators
Digital Synthesizers
Signal Generators
GENERAL DESCRIPTION
The AD9712B and AD9713B D/A converters are replacements
for the AD9712 and AD9713 units which offer improved ac and
dc performance. Like their predecessors, they are 12-bit, high
speed digital-to-analog converters fabricated in an advanced
oxide isolated bipolar process. The AD9712B is an ECL-
compatible device featuring update rates of 100 MSPS mini-
mum; the TTL-compatible AD9713B will update at 80 MSPS
minimum.
Designed for direct digital synthesis, waveform reconstruction,
and high resolution imaging applications, both devices feature
low glitch impulse of 28 pV-s and fast settling times of 27 ns.
Both units are characterized for dynamic performance and have
excellent harmonic suppression.
The AD9712B and AD9713B are available in 28-pin plastic
DIPs and PLCCs, with an operating temperature range of
–25
°C to +85°C. Both are also available for extended tempera-
ture ranges of –55
°C to +125°C in cerdips and 28-pin LCC
packages.


Similar Part No. - AD9712B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9712B AD-AD9712B_15 Datasheet
271Kb / 12P
12-Bit, 100 MSPS D/A Converters
REV. B
More results

Similar Description - AD9712B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5731 INTERSIL-HI5731 Datasheet
370Kb / 15P
12-Bit, 100 MSPS, High Speed D/A Converter
May 2000
logo
Analog Devices
AD9734 AD-AD9734 Datasheet
934Kb / 42P
14/12/10-Bit, 1200 MSPS D/A Converters
AD9704 AD-AD9704 Datasheet
2Mb / 52P
8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
7/06-Revision 0
AD9220ARZ AD-AD9220ARZ Datasheet
412Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS ithic A/D Converters
Rev. E
AD9712B AD-AD9712B_15 Datasheet
271Kb / 12P
12-Bit, 100 MSPS D/A Converters
REV. B
AD9713 AD-AD9713_15 Datasheet
2Mb / 8P
12 BIT 100 MSPS D/A CONVERTERS
REV. A
AD9220 AD-AD9220_15 Datasheet
518Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221 AD-AD9221_15 Datasheet
518Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9223 AD-AD9223_15 Datasheet
518Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9713B AD-AD9713B_15 Datasheet
333Kb / 12P
12-Bit, 100 MSPS D/A Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com