Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1550PS Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # MBR1550PS
Description  Schottky Barrier Chip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MBR1550PS Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  MBR1550PS Datasheet HTML 1Page - PACELEADER INDUSTRIAL MBR1550PS Datasheet HTML 2Page - PACELEADER INDUSTRIAL MBR1550PS Datasheet HTML 3Page - PACELEADER INDUSTRIAL MBR1550PS Datasheet HTML 4Page - PACELEADER INDUSTRIAL MBR1550PS Datasheet HTML 5Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
T =25
T =100
Fig3: Surge Forward Current Capadility
Fig2 : Instantaneous Forward Voltage
300
250
200
150
100
50
Fig4: Typical Reverse Characteristics
1
0
2
10
20
100
Number of Cycles
0
20
40
60
80
100
0.01
0.1
1.0
10
100
VRM(%)
℃
℃
0.4
0.6
0.8
1.0
VF(V)
0.1
0
0.2
Fig.1 - Forward Current Derating Curve
O
Ambient Temperature,T ( C)
A
25
50
75
100
125
150
175
15
12
6
Based on Lead Temp(T )
L
0
A
A
MBR1550PS
T =25
℃
A
9
3
18
15
7.5
25
2
www.paceleader.tw



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com