Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1550PS Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # MBR1550PS
Description  Schottky Barrier Chip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MBR1550PS Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  MBR1550PS Datasheet HTML 1Page - PACELEADER INDUSTRIAL MBR1550PS Datasheet HTML 2Page - PACELEADER INDUSTRIAL MBR1550PS Datasheet HTML 3Page - PACELEADER INDUSTRIAL MBR1550PS Datasheet HTML 4Page - PACELEADER INDUSTRIAL MBR1550PS Datasheet HTML 5Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRIMARY CHARACTERISTICS
TO-277B
PACKAGE
VRRM
50V
IO
15A
VFM
0.52V
TJ,Max
150℃
FEATURES
MECHANICAL DATA
Schottky Barrier Chip
High Thermal Reliability
Patented Super Barrier Rectifier
Technology
High Forward Surge Capability
Ultra Fow Power Loss,High Efficiency
Excellent High Temperature Stability
Moisture Sensitivity Level 1
Case:Molded plastic,TO-277B
Polarity:Marked on body
Terminals :Plated terminals,
solderable per MIL-STD-750,Method
2026
Epoxy : UL94-V0 rated flame
retardant
@IF=15A
-55 to +150
-55 to +150
DC
Maximum Ratings and Electrical Characteristics @T =25
Forward Voltage Drop T =25
At Rated DC Blocking Voltage
T =100
Peak Reverse Curent
T =25
Junctionto Ambient
Typical Thermal Resistance
Average Rectified Output Current
(Note1)
℃ unless otherwise specified
Unit
V
A
mA
℃
℃
℃/W
storage temperature range
Note:1.Valid Provided that are kept at ambient temperature at a distance of 9.5mm from the case.
2.Fr-4pcb.2oz.Copper,minimum recommend pad layout .18.8mm×14.4.Anode pad dimensions 5.6mm×14.4mm.
Operating junction temperature range
℃
℃
0.3
15
0.52
VR(RMS)
Non-Repetitive Peak Forward Surge8.3ms
Single Half Sine-Wave Superimposed on rated
1
5
Single Phase,half wave,60Hz,resistive or inductive load.For capacitive load,derate current by 20%.
Parameter
Symbol
VRRM
DC blocking voltage
V
load(JEDEC Method)
Working Peak Reverse Voltage
Peak Repetitive Reverse Voltage
VRWM
V
V
A
250
RMS Rectified Voltage
(Note2)
IO
IFSM
VFM
IR
RθJA
RθJL
TJ
TSTG
℃
A
A
A
A
50
35
80
15
TO-277B
PACKAGE
Marking Code : 1550
1550
VYM
V:Product Lines
Y:A.D. late code, EX : 4-2014,5-2015
M:Month, EX : 1-1,2-2,---10-O,11-N,12-D
1
www.paceleader.tw


Similar Part No. - MBR1550PS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBR1550 FAIRCHILD-MBR1550 Datasheet
44Kb / 3P
15 Ampere Schottky Barrier Rectifiers
logo
Sirectifier Semiconduct...
MBR1550 SIRECTIFIER-MBR1550 Datasheet
103Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
MBR1550 MAKOSEMI-MBR1550 Datasheet
535Kb / 4P
High current capability, low forward voltage
MBR1550 MAKOSEMI-MBR1550 Datasheet
535Kb / 4P
High current capability, low forward voltage
logo
Zibo Seno Electronic En...
MBR1550 ZSELEC-MBR1550 Datasheet
185Kb / 2P
15.0A SCHOTTKY BARRIER DIODE
More results

Similar Description - MBR1550PS

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Comchip Technology
CDBD620-G COMCHIP-CDBD620-G Datasheet
94Kb / 4P
Chip Schottky Barrier Rectifier
CDBD2020-G COMCHIP-CDBD2020-G Datasheet
106Kb / 4P
Chip Schottky Barrier Rectifier
CDBD2020-HF COMCHIP-CDBD2020-HF Datasheet
106Kb / 4P
Chip Schottky Barrier Rectifier
logo
Kersemi Electronic Co.,...
MBR8100L KERSEMI-MBR8100L Datasheet
439Kb / 2P
Schottky Barrier Chip
MBR840 KERSEMI-MBR840 Datasheet
429Kb / 2P
Schottky Barrier Chip
logo
Tiger Electronic Co.,Lt...
SR220 TGS-SR220 Datasheet
230Kb / 2P
Schottky Barrier Chip
logo
Yea Shin Technology Co....
MBRX120SL YEASHIN-MBRX120SL Datasheet
405Kb / 2P
Chip Schottky Barrier Diodes
logo
Formosa MS
LFM220 FORMOSA-LFM220 Datasheet
54Kb / 7P
Chip Schottky Barrier Rectifier
logo
Sangdest Microelectroni...
SBL5200 SMC-SBL5200 Datasheet
197Kb / 5P
Schottky Barrier Chip
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com