Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20150FCT Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # MBR20150FCT
Description  20.0A SCHOTTKY BARRIER RECTIFIERS 150V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MBR20150FCT Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  MBR20150FCT Datasheet HTML 1Page - PACELEADER INDUSTRIAL MBR20150FCT Datasheet HTML 2Page - PACELEADER INDUSTRIAL MBR20150FCT Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
012
34567
89
10
11
12
0
1
2
3
4
5
6
7
8
9
10
IF(av) (A)
PF(av)(W)
T
δ=tp/T
tp
δ = 0.05 δ
= 0.1
δ = 0.2
δ = 0.5
δ = 1
Fig. 1: Average forward power dissipation versus
average forward current (per diode).
0
25
50
75
100
125
150
175
0
2
4
6
8
10
12
Tamb(°C)
IF(av)(A)
Rth(j-a)=Rth(j-c)
Rth(j-a)=15°C/W
T
δ=tp/T
tp
Fig. 2: Average forward current versus ambient
temperature (
δ = 0.5, per diode).
1E-3
1E-2
1E-1
1E+0
0
25
50
75
100
125
150
t(s)
IM(A)
Tc=50°C
Tc=75°C
Tc=125°C
IM
t
δ=0.5
Fig. 3: Non repetitive surge peak forward current
versus overload duration (maximum values, per
diode).
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
T
δ=tp/T
tp
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Fig. 4: Relative variation of thermal impedance
junction to case versus pulse duration (per diode).
0
25
50
75
100
125
150
1E-1
1E+0
1E+1
1E+2
1E+3
1E+4
1E+5
VR(V)
IR(µA)
Tj=125°C
Tj=25°C
Tj=150°C
Tj=100°C
Tj=175°C
Fig. 5: Reverse leakage current versus reverse
voltage applied (typical values, per diode).
1
2
5
10
20
50
100
200
10
100
1000
VR(V)
C(pF)
F=1MHz
Tj=25°C
Fig. 6: Junction capacitance versus reverse voltage
applied (typical values, per diode).
20.0A SCHOTTKY BARRIER RECTIFIERS 150V
MBR20150FCT
2
www.paceleader.tw



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com