Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20150FCT Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # MBR20150FCT
Description  20.0A SCHOTTKY BARRIER RECTIFIERS 150V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MBR20150FCT Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  MBR20150FCT Datasheet HTML 1Page - PACELEADER INDUSTRIAL MBR20150FCT Datasheet HTML 2Page - PACELEADER INDUSTRIAL MBR20150FCT Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
• High Junction Temperature Capability
• Low Leakage Current
Catalog
Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBR 20150 FCT
150 V
105V
150 V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
20 A
TC =155
°C
Peak Forward Surge
Current
IFSM
180A
8.3ms,half
Maximum
Instantaneous
Forward Voltage
MBR20150FCT
VF
.92V
IFM = 10A
TJ =25
°C
Maximum Ratings
•
Operating J unction Temperature : 150
°C
•
Storage Temperature: - 50
°C to +150°C
•
Per d iode Thermal Resistance 2.2°C/W Junction to Case
•
Total Thermal Resistance 1.3°C/W Junction to Case
Maximum
Reverse Current At
Rated DC Blocking
Voltage
IR
25
µ A
TJ = 25
°C
5m A
TJ = 125
°C
VF
.75V
IFM = 10A
TJ = 125
°C
sine wave
•
• Marking:type number
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
20.0A SCHOTTKY BARRIER RECTIFIERS 150V
MBR20150FCT
ITO-220
.035(1.00)
.022(0.55)
.067(1.70)
.039(1.00)
.189(4.80)
.169(4.30)
.134(3.40)
.110(2.54)
.031(0.80)
.015(0.38)
.114(2.90)
.098(2.50)
.138(3.50)
.118(3.00)
.560(14.22)
.492(12.50)
.406(10.30)
.382(9.70)
.642(16.30)
.571(14.50)
.108(2.75)
.091(2.30)
.114(2.90)
.098(2.50)
.171(4.35)
.138(3.50)
Dimensions in inches and (millimeters)
MAX.(1.80)
1
www.paceleader.tw
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”


Similar Part No. - MBR20150FCT

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
MBR20150FCT CTC-MBR20150FCT Datasheet
66Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR20150FCT PANJIT-MBR20150FCT Datasheet
94Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR20150FCT MCC-MBR20150FCT Datasheet
142Kb / 4P
20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
logo
Sirectifier Global Corp...
MBR20150FCT SIRECT-MBR20150FCT Datasheet
145Kb / 4P
Power Schottky Rectifier - 20Amp 150Volt
logo
Kersemi Electronic Co.,...
MBR20150FCT KERSEMI-MBR20150FCT Datasheet
1Mb / 3P
20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
More results

Similar Description - MBR20150FCT

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB20150CT GULFSEMI-SB20150CT Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 20.0A
SB20150FCT GULFSEMI-SB20150FCT Datasheet
121Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 20.0A
logo
WILLAS ELECTRONIC CORP
SP2040C WILLAS-SP2040C Datasheet
374Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V -200V
SR2040C WILLAS-SR2040C Datasheet
367Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
PACELEADER INDUSTRIAL
MBR2040CT PACELEADER-MBR2040CT Datasheet
367Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
MBR2040FCT PACELEADER-MBR2040FCT Datasheet
363Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
MBR20150CT PACELEADER-MBR20150CT Datasheet
359Kb / 3P
20.0A SCHOTTKY BARRIER RECTIFIERS 150V
MBR20200CT PACELEADER-MBR20200CT Datasheet
384Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS 200V
MBR20200FCT PACELEADER-MBR20200FCT Datasheet
359Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS 200V
SP2040C PACELEADER-SP2040C Datasheet
491Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com