Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

91MT140KB Datasheet(PDF) 2 Page - International Rectifier

Part # 91MT140KB
Description  THREE PHASE CONTROLLED BRIDGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

91MT140KB Datasheet(HTML) 2 Page - International Rectifier

  91MT140KB Datasheet HTML 1Page - International Rectifier 91MT140KB Datasheet HTML 2Page - International Rectifier 91MT140KB Datasheet HTML 3Page - International Rectifier 91MT140KB Datasheet HTML 4Page - International Rectifier 91MT140KB Datasheet HTML 5Page - International Rectifier 91MT140KB Datasheet HTML 6Page - International Rectifier 91MT140KB Datasheet HTML 7Page - International Rectifier 91MT140KB Datasheet HTML 8Page - International Rectifier 91MT140KB Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.irf.com
53-93-113MT..KB Series
2
Bulletin I27503 08/97
53MT.KB
93MT.KB 113MT.KB
Parameter
52MT.KB
92MT.KB 112MT.KB Units Conditions
51MT.KB
91MT.KB 111MT.KB
I
O
Maximum DC output current
55
90
110
A
120° Rect conduction angle
@ Case temperature
85
85
85
°C
I
TSM
Maximum peak, one-cycle
390
950
1130
A
t = 10ms
No voltage
forward, non-repetitive
410
1000
1180
t = 8.3ms
reapplied
on state surge current
330
800
950
t = 10ms
100% V
RRM
345
840
1000
t = 8.3ms
reapplied
Initial
I2t
Maximum I2t for fusing
770
4525
6380
A2s
t = 10ms
No voltage
T
J = TJ max.
700
4130
5830
t = 8.3ms
reapplied
540
3200
4510
t = 10ms
100% V
RRM
500
2920
4120
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
7700
45250
63800
A2
√s t = 0.1 to 10ms, no voltage reapplied
VT(TO)1 Low level value of threshold
1.17
1.09
1.04
V
(16.7% x
π x I
T(AV) < I < π x IT(AV)), @ TJ max.
voltage
VT(TO)2 High level value of threshold
1.45
1.27
1.27
(I >
π x I
T(AV)), @ T J max.
voltage
rt1
Low level value on-state
12.40
4.10
3.93
m
Ω
(16.7% x
π x I
T(AV) < I < π x IT(AV)), @ TJ max.
slope resistance
rt2
High level value on-state
11.04
3.59
3.37
(I >
π x I
T(AV)), @ T J max.
slope resistance
V
TM
Maximum on-state voltage drop
2.68
1.65
1.57
V
Ipk = 150A, T
J
= 25°C
tp = 400µs single junction
di/dt
Max. non-repetitive rate
150
A/µs
TJ = 25
oC, from 0.67 V
DRM , ITM = π x IT(AV),
of rise of turned oncurrent
Ig = 500mA,tr< 0.5 µs, tp > 6 µs
I
H
Max. holding current
200
T
J
= 25oC, anode supply = 6V,
mA
resistive load, gate open circuit
IL
Max. latching current
400
TJ = 25oC, anode supply = 6V, resistive load
Forward Conduction
Voltage
V
RRM
, maximum
V
RSM
, maximum
V
DRM
, max. repetitive
I
RRM
/I
DRM
max.
Type number
Code
repetitive peak
non-repetitive peak
peak off-state voltage
@ T
J = 125°C
reverse voltage
reverse voltage
gate open circuit
VV
V
mA
80
800
900
800
100
1000
1100
1000
53/52/51MT..KB
120
1200
1300
1200
10
140
1400
1500
1400
160
1600
1700
1600
80
800
900
800
93/92/91MT..KB
100
1000
1100
1000
113/112/111MT..KB
120
1200
1300
1200
20
140
1400
1500
1400
160
1600
1700
1600
ELECTRICAL SPECIFICATIONS
Voltage Ratings



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com