Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

91MT140KB Datasheet(PDF) 1 Page - International Rectifier

Part # 91MT140KB
Description  THREE PHASE CONTROLLED BRIDGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

91MT140KB Datasheet(HTML) 1 Page - International Rectifier

  91MT140KB Datasheet HTML 1Page - International Rectifier 91MT140KB Datasheet HTML 2Page - International Rectifier 91MT140KB Datasheet HTML 3Page - International Rectifier 91MT140KB Datasheet HTML 4Page - International Rectifier 91MT140KB Datasheet HTML 5Page - International Rectifier 91MT140KB Datasheet HTML 6Page - International Rectifier 91MT140KB Datasheet HTML 7Page - International Rectifier 91MT140KB Datasheet HTML 8Page - International Rectifier 91MT140KB Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
55 A
90 A
110 A
THREE PHASE CONTROLLED BRIDGE
Bulletin I27503 08/97
1
MT..KB SERIES
Power Modules
www.irf.com
53MT.KB 93MT.KB 113MT.KB
Parameters
52MT.KB 92MT.KB 112MT.KB Units
51MT.KB 91MT.KB 111MT.KB
I
O
55
90
110
A
@ T
C
85
85
85
°C
I
FSM
@ 50Hz
390
950
1130
A
@ 60Hz
410
1000
1180
A
I
2t
@ 50Hz
770
4525
6380
A
2s
@ 60Hz
700
4130
5830
A
2s
I2
√t
7700
45250
63800
A2
√s
V
RRM
range
800 to 1600
V
T
STG range
- 40 to 125
°C
T
J
range
- 40 to 125
°C
Major Ratings and Characteristics
Features
Package fully compatible with the industry standard INT-A-pak
power modules series
High thermal conductivity package, electrically insulated case
Outstanding number of power encapsulated components
Excellent power volume ratio
4000 V
RMS
isolating voltage
UL E78996 approved
Description
A range of extremely compact, encapsulated three phase
controlled bridge rectifiers offering efficient and reliable
operation. They are intended for use in general purpose
and heavy duty applications.


Similar Part No. - 91MT140KB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
91MT140KPBF VISHAY-91MT140KPBF Datasheet
188Kb / 9P
Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
13-Aug-08
91MT140KS90PBF VISHAY-91MT140KS90PBF Datasheet
188Kb / 9P
Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
13-Aug-08
More results

Similar Description - 91MT140KB

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VVZ24 IXYS-VVZ24 Datasheet
146Kb / 3P
Three Phase Half Controlled Rectifier Bridge
logo
International Rectifier
45MT160P IRF-45MT160P Datasheet
120Kb / 7P
THREE PHASE CONTROLLED BRIDGE
logo
Sirectifier Semiconduct...
S3PHB70 SIRECTIFIER-S3PHB70 Datasheet
271Kb / 2P
Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
logo
Semikron International
SKS360FB6C240V16 SEMIKRON-SKS360FB6C240V16 Datasheet
207Kb / 3P
Three-phase controlled bridge rectifier
SKS700NB6C470V16 SEMIKRON-SKS700NB6C470V16 Datasheet
208Kb / 3P
Three-phase controlled bridge rectifier
SKS1080FB6C730V16 SEMIKRON-SKS1080FB6C730V16 Datasheet
208Kb / 3P
Three-phase controlled bridge rectifier
logo
Vishay Siliconix
VS-52MT140KPBF VISHAY-VS-52MT140KPBF Datasheet
255Kb / 11P
Three Phase Controlled Bridge
27-Feb-14
VS-113MT160KS90PBF VISHAY-VS-113MT160KS90PBF Datasheet
228Kb / 9P
Three Phase Controlled Bridge
27-Feb-14
logo
Sirectifier Semiconduct...
S3PHB110 SIRECTIFIER-S3PHB110 Datasheet
313Kb / 3P
Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB180 SIRECTIFIER-S3PHB180 Datasheet
296Kb / 3P
Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com