Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV803 Datasheet(PDF) 55 Page - Analog Devices

Part # ADAV803
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV803 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADAV803 Datasheet HTML 51Page - Analog Devices ADAV803 Datasheet HTML 52Page - Analog Devices ADAV803 Datasheet HTML 53Page - Analog Devices ADAV803 Datasheet HTML 54Page - Analog Devices ADAV803 Datasheet HTML 55Page - Analog Devices ADAV803 Datasheet HTML 56Page - Analog Devices ADAV803 Datasheet HTML 57Page - Analog Devices ADAV803 Datasheet HTML 58Page - Analog Devices ADAV803 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 61 page
background image
ADAV803
Rev. A | Page 54 of 60
PLL Control Register 2—Address 1110101 (0x75)
Table 130. PLL Control Register 2 Bit Map
7
6
5
4
3
2
1
0
FS2_1
FS2_0
SEL2
DOUB2
FS1
FS0
SEL1
DOUB1
Table 131. PLL Control Register 2 Bit Descriptions
Bit Name
Description
FS2_[1:0]
Sample rate select for PLL2.
00 = 48 kHz.
01 = Reserved.
10 = 32 kHz.
11 = 44.1 kHz.
SEL2
Oversample ratio select for PLL2.
0 = 256 × fS.
1 = 384 × fS.
DOUB2
Double-selected sample rate on PLL2.
0 = Disabled.
1 = Enabled.
FS[1:0]
Sample rate select for PLL1.
00 = 48 kHz.
01 = Reserved.
10 = 32 kHz.
11 = 44.1 kHz.
SEL1
Oversample ratio select for PLL1.
0 = 256 × fS.
1 = 384 × fS.
DOUB1
Double-selected sample rate on PLL1.
0 = Disabled.
1 = Enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com