Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV803 Datasheet(PDF) 21 Page - Analog Devices

Part # ADAV803
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV803 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADAV803 Datasheet HTML 17Page - Analog Devices ADAV803 Datasheet HTML 18Page - Analog Devices ADAV803 Datasheet HTML 19Page - Analog Devices ADAV803 Datasheet HTML 20Page - Analog Devices ADAV803 Datasheet HTML 21Page - Analog Devices ADAV803 Datasheet HTML 22Page - Analog Devices ADAV803 Datasheet HTML 23Page - Analog Devices ADAV803 Datasheet HTML 24Page - Analog Devices ADAV803 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
ADAV803
Rev. A | Page 20 of 60
The worst-case images can be computed from the zero-order
hold frequency response:
Maximum Image = sin(π × F/fS_INTERP)/(π × F/fS_INTERP)
where:
F is the frequency of the worst-case image that would be
220 × fS_IN ± fS_IN/2.
fS_INTERP = fS_IN × 220.
The following worst-case images would appear for fS_IN equal to
192 kHz:
Image at fS_INTERP − 96 kHz = −125.1 dB
Image at fS_INTERP + 96 kHz = −125.1 dB
Hardware Model
The output rate of the low-pass filter in Figure 30 is the
interpolation rate:
220 × 192,000 kHz = 201.3 GHz
Sampling at a rate of 201.3 GHz is clearly impractical, in
addition to the number of taps required to calculate each
interpolated sample. However, because interpolation by 220
involves zero-stuffing 220 − 1 samples between each fS_IN sample,
most of the multiplies in the low-pass FIR filter are by zero. A
further reduction can be realized because only one interpolated
sample is taken at the output at the fS_OUT rate, so only one
convolution needs to be performed per fS_OUT period instead of
220 convolutions. A 64-tap FIR filter for each fS_OUT sample is
sufficient to suppress the images caused by the interpolation.
One difficulty with the preceding approach is that the correct
interpolated sample must be selected upon the arrival of fS_OUT.
Because there are 220 possible convolutions per fS_OUT period, the
arrival of the fS_OUT clock must be measured with an accuracy of
1/201.3 GHz = 4.96 ps. Measuring the fS_OUT period with a clock
of 201.3 GHz frequency is clearly impossible; instead, several
coarse measurements of the fS_OUT clock period are made and
averaged over time.
Another difficulty with the preceding approach is the number
of coefficients required. Because there are 220 possible convolu-
tions with a 64-tap FIR filter, there must be 220 polyphase
coefficients for each tap, which requires a total of 226 coeffi-
cients. To reduce the number of coefficients in ROM, the SRC
stores a small subset of coefficients and performs a high order
interpolation between the stored coefficients.
The preceding approach works when fS_OUT > fS_IN. However,
when the output sample rate, fS_OUT, is less than the input sample
rate, fS_IN, the ROM starting address, input data, and length of
the convolution must be scaled. As the input sample rate rises
over the output sample rate, the antialiasing filter’s cutoff
frequency must be lowered because the Nyquist frequency of
the output samples is less than the Nyquist frequency of the
input samples. To move the cutoff frequency of the antialiasing
filter, the coefficients are dynamically altered and the length of
the convolution is increased by a factor of (fS_IN/fS_OUT).
This technique is supported by the Fourier transform property
that, if f(t) is F(ω), then f(k × t) is F(ω/k). Thus, the range of
decimation is limited by the size of the RAM.
SRC Architecture
The architecture of the sample rate converter is shown in
Figure 32. The sample rate converter’s FIFO block adjusts the
left and right input samples and stores them for the FIR filter’s
convolution cycle. The fS_IN counter provides the write address
to the FIFO block and the ramp input to the digital servo loop.
The ROM stores the coefficients for the FIR filter convolution
and performs a high order interpolation between the stored
coefficients. The sample rate ratio block measures the sample
rate for dynamically altering the ROM coefficients and scaling
of the FIR filter length as well as the input data. The digital
servo loop automatically tracks the fS_IN and fS_OUT sample rates
and provides the RAM and ROM start addresses for the start of
the FIR filter convolution.
RIGHT DATA IN
LEFT DATA IN
FIFO
DIGITAL
SERVO LOOP
fS_IN
COUNTER
ROM A
ROM B
ROM C
ROM D
fS_IN
fS_OUT
SAMPLE RATE RATIO
SAMPLE
RATE RATIO
EXTERNAL
RATIO
HIGH
ORDER
INTERP
FIR FILTER
L/R DATA OUT
Figure 32. Architecture of the Sample Rate Converter
The FIFO receives the left and right input data and adjusts the
amplitude of the data for both the soft muting of the sample rate
converter and the scaling of the input data by the sample rate
ratio before storing the samples in the RAM. The input data is
scaled by the sample rate ratio because, as the FIR filter length
of the convolution increases, so does the amplitude of the
convolution output. To keep the output of the FIR filter from
saturating, the input data is scaled down by multiplying it by
(fS_OUT/fS_IN) when fS_OUT < fS_IN. The FIFO also scales the input
data for muting and unmuting of the SRC.
The RAM in the FIFO is 512 words deep for both left and right
channels. An offset to the write address provided by the fS_IN
counter is added to prevent the RAM read pointer from
overlapping the write address. The minimum offset on the SRC
is 16 samples. However, the group delay and mute-in register
can be used to increase this offset.
The number of input samples added to the write pointer of the
FIFO on the SRC is 16 plus Bit 6 to Bit 0 of the group delay
register. This feature is useful in varispeed applications to
prevent the read pointer to the FIFO from running ahead of the
write pointer. When set, Bit 7 of the group delay and mute-in
register soft-mutes the sample rate. Increasing the offset of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com