Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT75 Datasheet(PDF) 13 Page - Analog Devices

Part # ADT75
Description  12-Bit Digital Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT75 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADT75 Datasheet HTML 9Page - Analog Devices ADT75 Datasheet HTML 10Page - Analog Devices ADT75 Datasheet HTML 11Page - Analog Devices ADT75 Datasheet HTML 12Page - Analog Devices ADT75 Datasheet HTML 13Page - Analog Devices ADT75 Datasheet HTML 14Page - Analog Devices ADT75 Datasheet HTML 15Page - Analog Devices ADT75 Datasheet HTML 16Page - Analog Devices ADT75 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
ADT75
Data Sheet
Rev. B | Page 12 of 24
ONE-SHOT MODE
Setting Bit D5 of the configuration register enables the one-shot
mode. When this mode is enabled, the ADT75 goes immediately
into shutdown mode and the current consumption is reduced to
typically 3 µA when VDD is 3.3 V and 5.5 µA when VDD is 5 V. A
one-shot temperature measurement is initiated when Address 0x04
is written to the address pointer register, which is writing to the
one-shot register. The ADT75 powers up, does a temperature
conversion, and powers down again.
Wait for a minimum of 60 ms after writing to the one-shot register
before reading back the temperature. This time ensures the ADT75
has time to power up and do a conversion. Reading back from the
one-shot register, Address 0x04, gives the resultant temperature
conversion. Reading from the temperature value register also
gives the same temperature value.
When either of the overtemperature detection modes is selected, a
write to the one-shot register, Address 0x04, causes the OS/ALERT
pin to go active if the temperature exceeds the overtemperature
limits. Refer to Figure 12 for more information on one-shot
OS/ALERT pin operation.
Note: In the interrupt mode, a read from any register resets the
OS/ALERT pin after it is activated by a write to the one-shot
register. In the comparator mode, once the temperature drops
below the value in the THYST register, a write to the one-shot
register resets the OS/ALERT pin.
The one-shot mode is useful when one of the circuit design
priorities is to reduce power consumption.
TEMPERATURE
82°C
81°C
80°C
79°C
78°C
77°C
76°C
75°C
74°C
73°C
OS/ALERT PIN
(COMPARATOR MODE)
POLARITY = ACTIVE LOW
OS/ALERT PIN
(INTERRUPT MODE)
POLARITY = ACTIVE LOW
OS/ALERT PIN
(INTERRUPT MODE)
POLARITY = ACTIVE HIGH
OS/ALERT PIN
(COMPARATOR MODE)
POLARITY = ACTIVE HIGH
TOS
THYST
TIME
READ1
READ1
READ1
WRITE TO
0x04 REG.2
WRITE TO
0x04 REG.2
WRITE TO
0x04 REG.2
1READ FROM ANY REGISTER.
2THERE IS A 60ms DELAY BETWEEN WRITING TO THE
ONE-SHOT REGISTER AND THE OS/ALERT PIN GOING
ACTIVE. THIS IS DUE TO THE CONVERSION TIME.
Figure 12. One-Shot OS/ALERT Pin Operation
FAULT QUEUE
Bit D3 and Bit D4 of the configuration register are used to set
up a fault queue. Up to six faults are provided to prevent false
tripping of the OS/ALERT pin when the ADT75 is used in a
noisy temperature environment. The number of faults set in the
queue must occur consecutively to set the OS/ALERT output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com