Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT75 Datasheet(PDF) 25 Page - Analog Devices

Part # ADT75
Description  12-Bit Digital Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT75 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADT75 Datasheet HTML 17Page - Analog Devices ADT75 Datasheet HTML 18Page - Analog Devices ADT75 Datasheet HTML 19Page - Analog Devices ADT75 Datasheet HTML 20Page - Analog Devices ADT75 Datasheet HTML 21Page - Analog Devices ADT75 Datasheet HTML 22Page - Analog Devices ADT75 Datasheet HTML 23Page - Analog Devices ADT75 Datasheet HTML 24Page - Analog Devices ADT75 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
ADT75
Data Sheet
Rev. B | Page 24 of 24
ORDERING GUIDE
Model1
Temperature Range
Temperature Accuracy2, 3
Package Description
Package Option
Branding
ADT75ARMZ
–55°C to +125°C
±2°C
8-Lead MSOP
RM-8
T5B
ADT75ARMZ-REEL7
–55°C to +125°C
±2°C
8-Lead MSOP
RM-8
T5B
ADT75ARMZ-REEL
–55°C to +125°C
±2°C
8-Lead MSOP
RM-8
T5B
ADT75ARZ
–55°C to +125°C
±2°C
8-Lead SOIC_N
R-8
ADT75ARZ-REEL7
–55°C to +125°C
±2°C
8-Lead SOIC_N
R-8
ADT75ARZ-REEL
–55°C to +125°C
±2°C
8-Lead SOIC_N
R-8
ADT75BRMZ
–55°C to +125°C
±1°C
8-Lead MSOP
RM-8
T5C
ADT75BRMZ-REEL7
–55°C to +125°C
±1°C
8-Lead MSOP
RM-8
T5C
ADT75BRMZ-REEL
–55°C to +125°C
±1°C
8-Lead MSOP
RM-8
T5C
EVAL-ADT75EBZ
Evaluation Board
1 Z = RoHS Compliant Part.
2 A grade temperature accuracy is over the −25°C to +100°C temperature range.
3 B grade temperature accuracy is over the 0°C to 70°C temperature range.
I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
©2005–2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D05326-0-8/12(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com