Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADAV803EBZ Datasheet(PDF) 51 Page - Analog Devices

Part # EVAL-ADAV803EBZ
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAV803EBZ Datasheet(HTML) 51 Page - Analog Devices

Back Button EVAL-ADAV803EBZ Datasheet HTML 47Page - Analog Devices EVAL-ADAV803EBZ Datasheet HTML 48Page - Analog Devices EVAL-ADAV803EBZ Datasheet HTML 49Page - Analog Devices EVAL-ADAV803EBZ Datasheet HTML 50Page - Analog Devices EVAL-ADAV803EBZ Datasheet HTML 51Page - Analog Devices EVAL-ADAV803EBZ Datasheet HTML 52Page - Analog Devices EVAL-ADAV803EBZ Datasheet HTML 53Page - Analog Devices EVAL-ADAV803EBZ Datasheet HTML 54Page - Analog Devices EVAL-ADAV803EBZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 61 page
background image
ADAV803
Rev. A | Page 50 of 60
DAC Right Peak Volume—Address 1101011 (0x6B)
Table 110. DAC Right Peak Volume Register Bit Map
7
6
5
4
3
2
1
0
Reserved
Reserved
DRP5
DRP4
DRP3
DRP2
DRP1
DRP0
Table 111. DAC Right Peak Volume Register Bit Descriptions
Bit Name
Description
DRP[5:0]
DAC right channel peak volume detection.
000000 = 0 dBFS.
000001 = −1 dBFS.
111111 = −63 dBFS.
ADC Left Channel PGA Gain—Address 1101100 (0x6C)
Table 112. ADC Left Channel PGA Gain Register Bit Map
7
6
5
4
3
2
1
0
Reserved
Reserved
AGL5
AGL4
AGL3
AGL2
AGL1
AGL0
Table 113. ADC Left Channel PGA Gain Register Bit Descriptions
Bit Name
Description
AGL[5:0]
PGA left channel gain control.
000000 = 0 dB.
000001 = 0.5 dB.
…
101111 = 23.5 dB.
110000 = 24 dB.
…
111111 = 24 dB.
ADC Right Channel PGA Gain—Address 1101101 (0x6D)
Table 114. ADC Right Channel PGA Gain Register Bit Map
7
6
5
4
3
2
1
0
Reserved
Reserved
AGR5
AGR4
AGR3
AGR2
AGR1
AGR0
Table 115. ADC Right Channel PGA Gain Register Bit Descriptions
Bit Name
Description
AGR[5:0]
PGA right channel gain control.
000000 = 0 dB.
000001 = 0.5 dB.
…
101111 = 23.5 dB.
110000 = 24 dB.
…
111111 = 24 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com