Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADAV803EBZ Datasheet(PDF) 59 Page - Analog Devices

Part # EVAL-ADAV803EBZ
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAV803EBZ Datasheet(HTML) 59 Page - Analog Devices

Back Button EVAL-ADAV803EBZ Datasheet HTML 53Page - Analog Devices EVAL-ADAV803EBZ Datasheet HTML 54Page - Analog Devices EVAL-ADAV803EBZ Datasheet HTML 55Page - Analog Devices EVAL-ADAV803EBZ Datasheet HTML 56Page - Analog Devices EVAL-ADAV803EBZ Datasheet HTML 57Page - Analog Devices EVAL-ADAV803EBZ Datasheet HTML 58Page - Analog Devices EVAL-ADAV803EBZ Datasheet HTML 59Page - Analog Devices EVAL-ADAV803EBZ Datasheet HTML 60Page - Analog Devices EVAL-ADAV803EBZ Datasheet HTML 61Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 59 / 61 page
background image
ADAV803
Rev. A | Page 58 of 60
ALC Control Register 2— Address = 1111100 (0x7C)
Table 142. ALC Control Register 2 Bit Map
7
6
5
4
3
2
1
0
Reserved
RECTH1
RECTH0
ATKTH1
ATKTH0
RECTIME1
RECTIME0
ATKTIME
Table 143. ALC Control Register 2 Bit Descriptions
Bit Name
Description
RECTH[1:0]
Recovery threshold.
00 = −2 dB.
01 = −3 dB.
10 = −4 dB.
11 = −6 dB.
ATKTH[1:0]
Attack threshold.
00 = 0 dB.
01 = −1 dB.
10 = −2 dB.
11 = −4 dB.
RECTIME[1:0]
Recovery time selection.
00 = 32 ms.
01 = 64 ms.
10 = 128 ms.
11 = 256 ms.
ATKTIME
Attack timer selection.
0 = 1 ms.
1 = 4 ms.
ALC Control Register 3—Address 1111101 (0x7D)
Table 144. ALC Control Register 3 Bit Map
7
6
5
4
3
2
1
0
ALC RESET
ALC RESET
ALC RESET
ALC RESET
ALC RESET
ALC RESET
ALC RESET
ALC RESET
Table 145. ALC Control Register 3 Bit Description
Bit Name
Description
ALC RESET
A write to this register restarts the ALC operation. The value written to this register is irrelevant. A read from this
register gives the gain reduction factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com