Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC10 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC10
Description  High-Speed CMOS Logic Triple 3-Input NAND Gate
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC10 Datasheet(HTML) 2 Page - Texas Instruments

  CD74HC10 Datasheet HTML 1Page - Texas Instruments CD74HC10 Datasheet HTML 2Page - Texas Instruments CD74HC10 Datasheet HTML 3Page - Texas Instruments CD74HC10 Datasheet HTML 4Page - Texas Instruments CD74HC10 Datasheet HTML 5Page - Texas Instruments CD74HC10 Datasheet HTML 6Page - Texas Instruments CD74HC10 Datasheet HTML 7Page - Texas Instruments CD74HC10 Datasheet HTML 8Page - Texas Instruments CD74HC10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Functional Diagram
Logic Symbol
TRUTH TABLE
INPUTS
OUTPUT
nA
nB
nC
nY
LLL
H
LL
H
H
LHLH
L
HHH
HL
LH
HLH
H
HH
L
H
HHH
L
H = High Voltage Level, L = Low Voltage Level
1A
1B
2B
2C
2Y
GND
1
2
3
4
5
6
14
13
12
11
VCC
3C
3Y
3B
1Y
1C
10
8
7
9
3A
2A
nA
nC
nY
nB
CD54HC10, CD74HC10, CD54HCT10, CD74HCT10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com