Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC10 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC10
Description  High-Speed CMOS Logic Triple 3-Input NAND Gate
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC10 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC10 Datasheet HTML 1Page - Texas Instruments CD74HC10 Datasheet HTML 2Page - Texas Instruments CD74HC10 Datasheet HTML 3Page - Texas Instruments CD74HC10 Datasheet HTML 4Page - Texas Instruments CD74HC10 Datasheet HTML 5Page - Texas Instruments CD74HC10 Datasheet HTML 6Page - Texas Instruments CD74HC10 Datasheet HTML 7Page - Texas Instruments CD74HC10 Datasheet HTML 8Page - Texas Instruments CD74HC10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS128C
Features
• Buffered Inputs
• Typical Propagation Delay: 8ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC10 and ’HCT10 logic gates utilize silicon gate CMOS
technology to achieve operating speeds similar to LSTTL
gates with the low power consumption of standard CMOS
integrated circuits. All devices have the ability to drive 10
LSTTL loads. The HCT logic family is functionally pin
compatible with the standard LS logic family.
Pinout
CD54HC10, CD54HCT10
(CERDIP)
CD74HC10, CD74HCT10
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC10F3A
-55 to 125
14 Ld CERDIP
CD54HCT10F3A
-55 to 125
14 Ld CERDIP
CD74HC10E
-55 to 125
14 Ld PDIP
CD74HC10M
-55 to 125
14 Ld SOIC
CD74HC10MT
-55 to 125
14 Ld SOIC
CD74HC10M96
-55 to 125
14 Ld SOIC
CD74HCT10E
-55 to 125
14 Ld PDIP
CD74HCT10M
-55 to 125
14 Ld SOIC
CD74HCT10MT
-55 to 125
14 Ld SOIC
CD74HCT10M96
-55 to 125
14 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel
of 250.
1A
1B
2A
2B
2C
2Y
GND
VCC
1C
1Y
3C
3B
3A
3Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
August 1997 - Revised September 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC10, CD74HC10,
CD54HCT10, CD74HCT10
High-Speed CMOS Logic
Triple 3-Input NAND Gate
[ /Title
(CD74
HC10,
CD74
HCT10
)
/Sub-
ject
(High
Speed
CMOS
Logic
Triple
3-Input
NAND
Gate)
/Autho
r ()
/Key-
words
(High
Speed
CMOS
Logic
Triple
3-Input
NAND
Gate,
High
Speed
CMOS
Logic
Triple
3-Input
NAND
Gate,
Harris
Semi-


Similar Part No. - CD74HC10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC10 TI-CD74HC10 Datasheet
41Kb / 6P
High Speed CMOS Logic Triple 3-Input NAND Gate
CD74HC10 TI-CD74HC10 Datasheet
261Kb / 11P
High-Speed CMOS Logic Triple 3-Input NAND Gate
CD74HC10 TI-CD74HC10 Datasheet
32Kb / 5P
High-Speed CMOS Logic Triple 3-Input NAND Gate
CD74HC10 TI1-CD74HC10 Datasheet
614Kb / 15P
High-Speed CMOS Logic Triple 3-Input NAND Gate
CD74HC10 TI2-CD74HC10 Datasheet
1Mb / 26P
CDx4HC10 Triple 3-Input NAND Gates
REVISED JULY 2021
More results

Similar Description - CD74HC10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD5474HC11 TI-CD5474HC11 Datasheet
33Kb / 6P
High Speed CMOS Logic Triple 3-Input AND Gate
CD74HC10 TI-CD74HC10 Datasheet
41Kb / 6P
High Speed CMOS Logic Triple 3-Input NAND Gate
CD54HC27 TI-CD54HC27 Datasheet
265Kb / 10P
High-Speed CMOS Logic Triple 3-Input NOR Gate
CD74HC4075NSR TI-CD74HC4075NSR Datasheet
349Kb / 13P
High-Speed CMOS Logic Triple 3-Input OR Gate
CD54HC10 TI-CD54HC10_06 Datasheet
261Kb / 11P
High-Speed CMOS Logic Triple 3-Input NAND Gate
logo
KODENSHI_AUK CORP.
KK74AC10 KODENSHI-KK74AC10 Datasheet
224Kb / 5P
Triple 3-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74ACT10 KODENSHI-KK74ACT10 Datasheet
210Kb / 5P
Triple 3-Input NAND Gate High-Speed Silicon-Gate CMOS
logo
Texas Instruments
CD54HC10 TI-CD54HC10_03 Datasheet
32Kb / 5P
High-Speed CMOS Logic Triple 3-Input NAND Gate
CD54HC27 TI1-CD54HC27_14 Datasheet
612Kb / 14P
High-Speed CMOS Logic Triple 3-Input NOR Gate
CD54HC10 TI1-CD54HC10_14 Datasheet
614Kb / 15P
High-Speed CMOS Logic Triple 3-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com