Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVM9724-RADA Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OVM9724-RADA
Description  Wearable Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OVM9724-RADA Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OVM9724-RADA Datasheet HTML 1Page - OmniVision Technologies, Inc. OVM9724-RADA Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
Phones
Wearable Devices
¬
¬
Security and Surveillance
Toys and Games
Applications
¬
¬
¬
MIPI and D-PHY specification
(contains one clock lane and
one data lane) with a maximum of
400 Mbps data transfer rate
low operating voltage and
low power consumption for
embedded portable applications
high sensitivity and low dark current
for low-light conditions
supports global analog gain
supports free-running clock
and gated clock
supports down sample mode
and VarioPixel®
auto black level calibration
defect correction capability
¬
¬
¬
¬
¬
Product Features
Functional Block Diagram
¬
OVM9724-RYDA
(color, lead-free, CameraCubeChip™
with metal can)
¬
OVM9724-RADA
(color, lead-free, CameraCubeChip™
with black coating)
Ordering Information
¬
¬
¬
¬
¬
¬
¬
¬
active array size: 1280 x 720
power supply:
- core: 1.5V
- analog: 2.8V
- I/O: 1.8V
power requirements:
- active: 55 mA
- hardware standby: 60 µA
- XSHUTDOWN: 20 µA
temperature range:
- operating: -30°C to +70°C junction
temperature
- stable image: 0°C to +50°C junction
temperature
output formats: 10-bit RAW RGB data
lens size: 1/9"
diagonal field of view (FOV): 65°
f no.: 2.8
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
focal length: 1.66 mm
input clock frequency: 6 ~ 27 MHz
max S/N ratio: 36.2 dB
dynamic range: 70.4 dB @ 8x gain
maximum image transfer rate: 30 fps
sensitivity: 740 mV/lux-sec
scan mode: progressive
maximum exposure interval: 760 x tROW
pixel size: 1.4 µm x 1.4 µm
dark current: 80 mV/s
@ 50°C junction temperature
image area: 1840 µm x 1040 µm
package dimensions
(including ball height):
- RYDA: 4180 x 3280 x 2610 µm
- RADA: 3900 x 2890 x 2340 µm
Product Specifications
Version 1.3, October, 2017
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision, the OmniVision logo and VarioPixel are registered
trademarks of OmniVision Technologies, Inc. CameraCubeChip and OmniBSI+ are trademarks
of OmniVision Technologies, Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OVM9724
OVM9724
image sensor array
image
sensor
processor
output
interface
column
sample/hold
PLL
control register bank
SCCB slave interface
timing generator
system control logic
regulator
gain control
MCP/N
MDP/N
image
array
AMP
ADC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com