Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVM9724-RADA Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OVM9724-RADA
Description  Wearable Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OVM9724-RADA Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OVM9724-RADA Datasheet HTML 1Page - OmniVision Technologies, Inc. OVM9724-RADA Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industry's Most Compact Front-Facing HD Camera
for Smartphones, Tablets, Notebooks and Ultrabooks
OVM9724 CameraCubeChip™productbrief
lead free
available in
a lead-free
package
OmniVision's ultra-compact OVM9724
CameraCubeChip™ captures 720p high definition (HD)
video at 30 frames per second (fps) in an industry-
leading miniaturized module of 3.9 x 2.9 x 2.3 mm.
Because the OVM9724 CameraCubeChip is a reflowable
all-in-one camera drop-in solution, the need for
additional components is eliminated and manufacturing
is significantly streamlined.
The low-power 1/9-inch OVM9724 utilizes OmniVision's
powerful OmniBSI+™ pixel architecture to enable high
quality color images and fast frame 720p HD video at
30 fps or cropped VGA at 60 fps. This combination of
high-performance and small form factor allows HD
cameras to be integrated into ultra-slim, narrow-bezel
devices, making it an attractive solution for next
generation smartphones, tablets, notebooks and
Ultrabooks™.
The OVM9724 provides full-frame, sub sampled or
windowed 8- and 10-bit images. All required image
processing functions, including exposure control and
defective pixel cancelling are programmable through
the serial camera control bus (SCCB) interface.
Find out more at www.ovt.com.
720p HD


Similar Part No. - OVM9724-RADA

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVM12 TTELEC-OVM12 Datasheet
633Kb / 3P
3 LED Module (30 modules/string)
05/2023
OVM12F3B7 TTELEC-OVM12F3B7 Datasheet
880Kb / 3P
3 LED Module
OVM12F3B7 TTELEC-OVM12F3B7 Datasheet
633Kb / 3P
3 LED Module (30 modules/string)
05/2023
OVM12F3G7 TTELEC-OVM12F3G7 Datasheet
880Kb / 3P
3 LED Module
OVM12F3G7 TTELEC-OVM12F3G7 Datasheet
633Kb / 3P
3 LED Module (30 modules/string)
05/2023
More results

Similar Description - OVM9724-RADA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14690 MAXIM-MAX14690 Datasheet
714Kb / 3P
Wearable Charge-Management Solution
Rev 10; 4/16
logo
Illinois Capacitor, Inc...
RJD2032C1 ILLINOISCAPACITOR-RJD2032C1 Datasheet
521Kb / 10P
Wearable electronic & IoT devices ??Memory backup circuits
logo
Maxim Integrated Produc...
MAX32625 MAXIM-MAX32625 Datasheet
1Mb / 27P
High-Efficiency Microcontroller for Wearable Devices
Rev 0; 8/16
logo
OmniVision Technologies...
OV6946 OMNIVISION-OV6946 Datasheet
774Kb / 2P
Wearable Devices
OVM6211 OMNIVISION-OVM6211 Datasheet
1Mb / 2P
Wearable Devices
logo
Dialog Semiconductor
SLG7NT41502 DIALOG-SLG7NT41502 Datasheet
666Kb / 10P
CURIE BASED WEARABLE
logo
Maxim Integrated Produc...
MAX20303 MAXIM-MAX20303 Datasheet
2Mb / 152P
Wearable Power Management Solution
Rev 6; 10/17
MAX30112 MAXIM-MAX30112 Datasheet
707Kb / 40P
Wrist-Worn Wearable Devices
Rev 0; 5/17
MAX14676 MAXIM-MAX14676 Datasheet
304Kb / 3P
Wearable Charge Management Solution
Rev 3; 5/17
logo
Renesas Technology Corp
SLG7NT41502V RENESAS-SLG7NT41502V Datasheet
832Kb / 10P
CURIE BASED WEARABLE
February 25, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com