Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IGAP-420 Datasheet(PDF) 4 Page - ORing Industrial Networking Corp

Part # IGAP-420
Description  Industrial IEEE 802.11 b/g/n wireless access point
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGAP-420 Datasheet(HTML) 4 Page - ORing Industrial Networking Corp

  IGAP-420 Datasheet HTML 1Page - ORing Industrial Networking Corp IGAP-420 Datasheet HTML 2Page - ORing Industrial Networking Corp IGAP-420 Datasheet HTML 3Page - ORing Industrial Networking Corp IGAP-420 Datasheet HTML 4Page - ORing Industrial Networking Corp IGAP-420 Datasheet HTML 5Page - ORing Industrial Networking Corp IGAP-420 Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
* All specifications are subject to change without notice.
Designed for Rugged Excellence
PIN
1
2
3
4
5
Function
DI1
DI2
DI3
DI4
COM
PIN
1
2
3
4
5
Function
DO1
DO2
DO3
DO4
GND
Specifications
ORing WLAN Access Point
Model
IGAP-420
IGAP-420+
Physical Ports
10/100/1000 Base-T(X) Ports in RJ45
Auto MDI/MDIX
2
5-Pin Terminal Block
2(DI x 4 and DO x 4)
Antenna Connector
2
PoE P.D Port
-
Present at ETH2
Fully compliant with IEEE 802.3af Power
Device specification
Over load & short circuit protection
Isolation Voltage: 1000 VDC min.
Isolation Resistance : 108 ohms min
WLAN interface
Operating Mode
AP/Bridge/Repeater/AP-Client
Antenna Connector
Reverse SMA Female
Modulation
IEEE802.11b: CCK/DQPSK/DBPSK
IEEE802.11g: OFDM
IEEE802.11n: BPSK, QPSK, 16-QAM, 64-QAM
Frequency Band
America/FCC: 2.412~2.462 GHz (11 channels)
Europe CE/ETSI: 2.412~2.472 GHz (13 channels)
Transmission Rate
IEEE 802.11b: 11, 5.5, 2, 1 Mbps;
IEEE 802.11g: 54, 48, 36, 24, 18, 12, 9, 6 Mbps
IEEE 802.11n:
20 MHz BW: 130, 117, 104, 78, 52, 39, 26, 13
DI/DO Definition
Digital Input Pin Definition
Digital Output Pin Definition



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com