Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IGAP-420 Datasheet(PDF) 5 Page - ORing Industrial Networking Corp

Part # IGAP-420
Description  Industrial IEEE 802.11 b/g/n wireless access point
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGAP-420 Datasheet(HTML) 5 Page - ORing Industrial Networking Corp

  IGAP-420 Datasheet HTML 1Page - ORing Industrial Networking Corp IGAP-420 Datasheet HTML 2Page - ORing Industrial Networking Corp IGAP-420 Datasheet HTML 3Page - ORing Industrial Networking Corp IGAP-420 Datasheet HTML 4Page - ORing Industrial Networking Corp IGAP-420 Datasheet HTML 5Page - ORing Industrial Networking Corp IGAP-420 Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
* All specifications are subject to change without notice.
Designed for Rugged Excellence
40 MHz BW: 270, 243, 216, 162, 108, 81, 54, 27
Transmit Power
IEEE 802.11b: 17dBm ± 1.5dBm@11Mbps
IEEE 802.11g: 16dBm ± 1.5dBm@54Mbps
IEEE 802.11gn HT20: 15dBm ± 1.5dBm @MCS7
IEEE 802.11gn HT40: 14dBm ± 1.5dBm @MCS7
Receiver Sensitivity
IEEE 802.11b : -85dBm ± 2dBm@11Mbps
IEEE 802.11g : -76dBm ± 2dBm@54Mbps
IEEE 802.11gn HT20:-75dBm ± 2dBm@MCS7
IEEE 802.11gn HT40:-72dBm ± 2dBm@MCS7
Encryption Security
WEP: (64-bit ,128-bit key)
WPA/WPA2 PSK :TKIP and AES encryption (802.11i)
802.1X/RADIUS Authentication supported
Wireless Security
SSID broadcast disable and enable
Protocol Support
Protocol
ARP,BOOTP, DHCP, DNS, HTTP, IP, ICMP, SNTP, TCP, UDP, RADIUS, SNMP, STP (IEEE 802.1D)
LED Indicators
Power Indicator
3 x LEDs, PWR1(2)(PoE) / Ready:
Red On : Power is on and booting up
Green On : Power is on and functioning Normal
10/100/1000Base-T(X)
RJ45
Port
Indicator
2 x LEDs, Green for port Link/ Act at 1000Mbps
Amber for port Link/ Act at 100Mbps.
WLAN LED
Green Solid On: RF on, Blink: data transmitting
Green for WLAN Strength: 1<25%, 2<50%, 3<75%, 4<100%
Fault
1 x LED, Red for Ethernet link down or power down indicator
Fault contact
Relay
Relay output to carry capacity of 1A at 24VDC
Power
Redundant Input Power
Dual DC inputs. 12~48VDC on 6-pin terminal block
Power Consumption (Typ.)
7.5W
8.5W
Overload Current Protection
Present
Reverse Polarity Protection
Present on terminal block
Physical Characteristic
Enclosure
IP-30
Dimension (W x D x H)
74.3(W) x 109.2(D) x 153.6(H) mm (2.93 x 4.3 x 6.05 inch.)
Weight (g)
1150
1155
Environmental
Storage Temperature
-40 to 85oC (-40 to 185oF)
Operating Temperature
-25 to 70oC (-13 to 158oF)
Operating Humidity
5% to 95% Non-condensing
Regulatory Approvals
EMI
FCC Part 15, CISPR (EN55022) class A
EMS
EN61000-4-2 (ESD), EN61000-4-3 (RS), EN61000-4-4 (EFT), EN61000-4-5 (Surge), EN61000-4-6 (CS),
EN61000-4-8, EN61000-4-11
Shock
IEC60068-2-27
Free Fall
IEC60068-2-32
Vibration
IEC60068-2-6
Safety
EN60950-1
Warranty
5 years



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com