Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2170CS Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL2170CS
Description  70MHz/1mA Current Mode Feedback Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2170CS Datasheet(HTML) 4 Page - Intersil Corporation

  EL2170CS Datasheet HTML 1Page - Intersil Corporation EL2170CS Datasheet HTML 2Page - Intersil Corporation EL2170CS Datasheet HTML 3Page - Intersil Corporation EL2170CS Datasheet HTML 4Page - Intersil Corporation EL2170CS Datasheet HTML 5Page - Intersil Corporation EL2170CS Datasheet HTML 6Page - Intersil Corporation EL2170CS Datasheet HTML 7Page - Intersil Corporation EL2170CS Datasheet HTML 8Page - Intersil Corporation EL2170CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Test Circuit (per Amplifier)
Simplified Schematic (per Amplifier)
tPD
Propagation Delay
VOUT = ±500mV
4.5
ns
OS
Overshoot
VOUT = ±500mV
3.0
%
tS
0.1% Settling
VOUT = ±2.5V, AV = -1
40
ns
dG
Differential Gain
AV = 2, RL = 150Ω (Note 1)
0.15
%
dP
Differential Phase
AV = 2, RL = 150Ω (Note 1)
0.15
°
dG
Differential Gain
AV = 1, RL = 500Ω (Note 1)
0.02
%
dP
Differential Phase
AV = 1, RL = 500Ω (Note 1)
0.01
°
CS
Channel Separation
EL2270, EL2470 only, f = 5MHz
85
dB
NOTE:
1. DC offset from 0V to 0.714V, AC amplitude 286mVP-P, f = 3.58MHz.
AC Electrical Specifications
VS = ±5V, RF = RG = 1kΩ, RL = 150Ω, TA = 25°C unless otherwise specified (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
EL2170, EL2270, EL2470



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com