Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2170CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL2170CS
Description  70MHz/1mA Current Mode Feedback Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2170CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL2170CS Datasheet HTML 1Page - Intersil Corporation EL2170CS Datasheet HTML 2Page - Intersil Corporation EL2170CS Datasheet HTML 3Page - Intersil Corporation EL2170CS Datasheet HTML 4Page - Intersil Corporation EL2170CS Datasheet HTML 5Page - Intersil Corporation EL2170CS Datasheet HTML 6Page - Intersil Corporation EL2170CS Datasheet HTML 7Page - Intersil Corporation EL2170CS Datasheet HTML 8Page - Intersil Corporation EL2170CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN7053
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL2170, EL2270, EL2470
70MHz/1mA Current Mode Feedback
Amplifiers
The EL2170, EL2270, and EL2470 are
single/dual/quad current-feedback
operational amplifiers which achieve a
-3dB bandwidth of 70MHz at a gain of +1 while consuming
only 1mA of supply current per amplifier. They will operate
with dual supplies ranging from ±1.5V to ±6V, or from single
supplies ranging from +3V to +12V. In spite of their low
supply current, the EL2270 and the EL2470 can output
55mA while swinging to ±4V on ±5V supplies. The EL2170
can output 100mA with similar output swings. These
attributes make the EL2170, EL2270, and EL2470 excellent
choices for low power and/or low voltage cable-driver, HDSL,
or RGB applications.
For applications where board space is extremely critical, the
EL2170 is available in the tiny 5-pin SOT-23 package, which
has a footprint 28% the size of an 8-pin SO. The EL2170,
EL2270, and EL2470 are each also available in industry
standard pinouts in PDIP and SO packages.
For single and dual applications with disable, consider the
EL2176 (8-pin single) or EL2276 (14-pin dual). For higher
speed applications where power is still a concern, consider
the EL2180/EL2186 family which also comes in similar
single, dual, triple and quad configurations. The
EL2180/EL2186 family provides a -3dB bandwidth of
250MHz while consuming 3mA of supply current per
amplifier.
Features
• Single (EL2170), dual (EL2270) & quad (EL2470)
topologies
• 1mA supply current (per amplifier)
• 70MHz -3dB bandwidth
• Tiny SOT23-5 package (EL2170)
• Low cost
• Single- and dual-supply operation down to ±1.5V
• 0.15%/0.15° diff. gain/diff. phase into 150
Ω
• 800V/µs slew rate
• Large output drive current - 100mA (EL2170), 55mA
(EL2270), 55mA (EL2470)
• Also available with disable in single (EL2176) & dual
(EL2276)
• Higher speed EL2180/EL2186 family available
(3mA/250MHz) in single, dual, and quad
Applications
• Low power/battery applications
• HDSL amplifiers
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment amplifiers
• Current to voltage converters
Ordering Information
PART
NUMBER
PACKAGE
TAPE & REEL
PKG. NO.
EL2170CN
8-Pin PDIP
-
MDP0031
EL2170CS
8-Pin SO
-
MDP0027
EL2170CS-T7
8-Pin SO
7”
MDP0027
EL2170CS-T13
8-Pin SO
13”
MDP0027
EL2170CW-T7
5-Pin SOT-23*
7”
MDP0038
EL2170CW-T3
5-Pin SOT-23*
13”
MDP0038
EL2270CN
8-Pin PDIP
-
MDP0031
EL2270CS
8-Pin SO
-
MDP0027
EL2270CS-T7
8-Pin SO
7”
MDP0027
EL2270CS-T13
8-Pin SO
13”
MDP0027
EL2470CN
14-Pin PDIP
-
MDP0031
EL2470CS
14-Pin SO
-
MDP0027
EL2470CS-T7
14-Pin SO
7”
MDP0027
EL2470CS-T13
14-Pin SO
13”
MDP0027
NOTE: *EL2170CW symbol is .Bxxx where xxx represents date
Data Sheet
November 13, 2002


Similar Part No. - EL2170CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2170CS ELANTEC-EL2170CS Datasheet
330Kb / 16P
70 MHz/1 mA Current Mode Feedback Amplifiers
More results

Similar Description - EL2170CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2170C ELANTEC-EL2170C Datasheet
330Kb / 16P
70 MHz/1 mA Current Mode Feedback Amplifiers
EL2180C ELANTEC-EL2180C Datasheet
661Kb / 17P
250MHz / 3mA Current Mode Feedback Amplifiers
logo
Intersil Corporation
EL2480CS INTERSIL-EL2480CS Datasheet
385Kb / 15P
250MHz/3mA Current Mode Feedback Amplifiers
November 14,2002
logo
Maxim Integrated Produc...
MAX4180 MAXIM-MAX4180 Datasheet
364Kb / 24P
Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
Rev 2; 8/98
logo
Intersil Corporation
EL2176 INTERSIL-EL2176 Datasheet
316Kb / 14P
70MHz/1mA Current Mode Feedback Amp W/Disable
December 1995
EL2270 INTERSIL-EL2270 Datasheet
333Kb / 12P
70MHz/1mA Current Mode Feedback Amplifiers
July 13, 2004
EL2276 INTERSIL-EL2276 Datasheet
328Kb / 14P
70MHz/1mA Current Mode Feedback Amp w/Disable
May 6, 2005
logo
Elantec Semiconductor
EL2232D ELANTEC-EL2232D Datasheet
392Kb / 1P
Dual 60MHz Current Feedback Amplifiers
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
600MHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL2276 RENESAS-EL2276 Datasheet
870Kb / 14P
70MHz/1mA Current Mode Feedback Amp w/Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com