Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL640USB Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # GL640USB
Description  IEEE-1284 to USB Bridge
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL640USB Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button GL640USB Datasheet HTML 22Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 23Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 24Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 25Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 26Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 27Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 28Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 29Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
Revision 1.1
Jun. 7, 1999
-25-
GL640USB, GL640USB-A
TXCNT3-0 -
number of bytes to send
TXSEQ
-
0 - TX DATA0
1 - TX DATA1
TXOE
-
ready to transmit control data
CTLDAT ( offset 15h )
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
FFDAT7
FFDAT6
FFDAT5
FFDAT4
FFDAT3
FFDAT2
FFDAT1
FFDAT0
This register is the window to push/pop data from endp0/3 FIFO. Write to push FIFO, read to pop.
MISC ( offset 16h )
R/O
R/O
R/O
R/O
R/O
W/O
R/W
R/W
SUSPD
ADDR
DEFLT
POWER
Reserved
FFRST0
SF
SUS_DIS
Default = 8’h10
This register is mainly used in testing purpose.
SUS_DIS
-
Disable suspend detection
SF
-
Short frame mode, used in suspend detection
0=normal mode, needs 3ms bus idle to enter suspend mode
1=short frame mode, needs only 200us to enter suspend mode
FFRST0
-
Reset endpoint 0 FIFO read/write pointer.
Data in FIFO remain unchanged.
POWER
-
Device is in the powered state
DEFLT
-
Device is in the default state
ADDR
-
Device is in the address state
SUSPD
-
Device is in the suspend state
GPIO ( offset 17h )
R/W
R/W
R/W
R/W
R/W
R/W
R/W
GPIO7
GPIO6
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
GPIOCTL ( offset 18h )
R/W
R/W
R/W
R/W
R/W
R/W
R/W
GPIO7OE
GPIO6OE
GPIO5OE
GPIO4OE
GPIO3OE
GPIO2OE
GPIO1OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com