Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL640USB Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # GL640USB
Description  IEEE-1284 to USB Bridge
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL640USB Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button GL640USB Datasheet HTML 30Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 31Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 32Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 33Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 34Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 35Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 36Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 37Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
Revision 1.1
Jun. 7, 1999
-33-
GL640USB, GL640USB-A
1
11
1..Electrical Characteristics
11.1 Absolute Maximum Ratings (Voltages referenced to GND)
SYMBOL
Description
MIN
MAX
VCC
DC supply voltage
-0.5V
+7V
VI
DC input voltage
-0.5V
VCC+0.5V
VI/O
DC input voltage range for I/O
-0.5V
VCC+0.5V
VAI/O
DC input voltage for USB D+/D- pins
-0.5
VCC+0.5V
VI/OZ
DC voltage applied to outputs in High Z state
-0.5V
VCC+0.5V
VESD
static discharge voltage
4000V
11.2 DC Characteristics (Digital Pins)
SYMBOL
Description
MIN
TYP
MAX
UNIT
PD
Power Dissipation
9
10
11
mA
VDD
Power Supply Voltage
4.5
5.0
5.5
V
IO
DC output sink current excluding D+/D-/VCC/GND
4
mA
VIL
LOW level input voltage
0.9
V
VIH
HIGH level input voltage
2.0
V
VTLH
LOW to HIGH threshold voltage
1.7
1.8
2.0
V
VTHL
HIGH to LOW threshold voltage
0.9
1.1
1.3
V
VHYS
Hysteresis voltage
0.6
0.7
0.85
V
VOL
LOW level output voltage when IOL=4mA
0.4
V
VOH
HIGH level output voltage when IOH=4mA
2.4
V
IOLK
Leakage current for pads with internal pull up or pull down
resistor
38
µA
RDN
Pad internal pulldown resister (Note 1)
20K
28K
41K
Ohms
RUP
Pad internal pullup resister (Note 2)
24K
33K
48K
Ohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com