Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE95DP Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SE95DP
Description  Ultra high accuracy digital temperature sensor and thermal WatchdogE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SE95DP Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SE95DP Datasheet HTML 8Page - NXP Semiconductors SE95DP Datasheet HTML 9Page - NXP Semiconductors SE95DP Datasheet HTML 10Page - NXP Semiconductors SE95DP Datasheet HTML 11Page - NXP Semiconductors SE95DP Datasheet HTML 12Page - NXP Semiconductors SE95DP Datasheet HTML 13Page - NXP Semiconductors SE95DP Datasheet HTML 14Page - NXP Semiconductors SE95DP Datasheet HTML 15Page - NXP Semiconductors SE95DP Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Philips Semiconductors
Product data sheet
SE95
Ultra high accuracy digital temperature sensor and
thermal Watchdog
™
2004 Dec 21
12
Table 6. Temp table
Temp data
Temp value
11–bit Binary (2’s complement)
3-bit Hex
Decimal value
°C
0111 1111 000
3F8h
1016
+127.000
°C
0111 1110 111
3F7h
1015
+126.875
°C
0111 1110 001
3F1h
1009
+126.125
°C
0111 1101 000
3E8h
1000
+125.000
°C
0001 1001 000
0C8h
200
+25.000
°C
0000 0000 001
001h
1
+0.125
°C
0000 0000 000
000h
0
0.000
°C
1111 1111 111
7FFh
–1
–0.125
°C
1110 0111 000
738h
–200
–25.000
°C
11001001 001
649h
–439
–54.875
°C
1100 1001 000
648h
–440
–55.000
°C
Obviously, for 9-bit Temp data application in replacing the industry standard LM75, just use only 9 MSB bits of the two bytes and disregard
7 LSB bits of the LS byte. The 9-bit temp data with 0.5
°C resolution of the SE95 is defined exactly in the same way as for the standard LM75
and it is here similar to the Tos and Thyst that is described next.
Overtemp shut-down threshold (Tos) and hysteresis (Thyst) registers
These two registers are write/read registers, and also called set-point registers. They are used to store the user-defined temperature limits,
called overtemp shut-down threshold (Tos) and hysteresis (Thyst), for the device Watchdog operation. At the end of each conversion the Temp
data will be compared with the data stored in these two registers in order to set the state of the device OS output accordingly as described in the
“General operation” section.
Each of the set-point registers contains two 8-bit data bytes consisting of one MS data byte and one LS data byte the same as the Temp
register. However, only 9 bits of the two bytes are used to store the set-point data in 2’s complement format with the resolution of 0.5
°C. The
Tos register table (Table 7) and Thyst register table (Table 8) show the bit arrangement of the Tos data and Thyst data in the data bytes.
Notice that because only 9-bit data are used in the set-point registers, the device uses only the 9 MSB bits of the Temp data for data
comparison.
Table 7. Tos register table
Tos MS byte
Tos LS byte
MSB
LSB
MSB
LSB
B7
B6
B5
B4
B3
B2
B1
B0
B7
B6
B5
B4
B3
B2
B1
B0
Tos data (9 bits)
Not used
MSB
LSB
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
X
X
Table 8. Thyst register table
Thyst MS byte
Thyst LS byte
MSB
LSB
MSB
LSB
B7
B6
B5
B4
B3
B2
B1
B0
B7
B6
B5
B4
B3
B2
B1
B0
Thyst data (9 bits)
Not used
MSB
LSB
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
X
X
When a set-point register is read, all 16 bits are provided to the bus and must be collected by the controller to complete the bus operation.
However, only the 9 significant bits should be used and the 7 LSB bits of the LS byte are equal to zero and should be ignored.
The Tos and Thyst table (Table 9) shows examples of the limit data and value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com