Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE95DP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SE95DP
Description  Ultra high accuracy digital temperature sensor and thermal WatchdogE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SE95DP Datasheet(HTML) 4 Page - NXP Semiconductors

  SE95DP Datasheet HTML 1Page - NXP Semiconductors SE95DP Datasheet HTML 2Page - NXP Semiconductors SE95DP Datasheet HTML 3Page - NXP Semiconductors SE95DP Datasheet HTML 4Page - NXP Semiconductors SE95DP Datasheet HTML 5Page - NXP Semiconductors SE95DP Datasheet HTML 6Page - NXP Semiconductors SE95DP Datasheet HTML 7Page - NXP Semiconductors SE95DP Datasheet HTML 8Page - NXP Semiconductors SE95DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Philips Semiconductors
Product data sheet
SE95
Ultra high accuracy digital temperature sensor and
thermal Watchdog
™
2004 Dec 21
4
TYPICAL APPLICATION CIRCUIT
8
2
SCL
1
SDA
3
SE95
OS
5
A2
6
A1
7
A0
4
GND
I2C-BUS
VCC POWER SUPPLY
BUS
PULL-UP
RESISTORS
DIGITAL LOGIC OR
TIE TO VCC/GND
0.1
µF
10 k
Ω
VCC
DETECTOR OR
INTERRUPT LINE
SL01883
Figure 3. Typical application circuit
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC to GND
–0.3
6.0
V
Voltage at inputs SCL and SDA
–0.3
6.0
V
Voltage at inputs A0, A1, A2
–3.0
VCC + 0.3
V
Current at input pins
–5.0
5.0
mA
OS output sink current
–
10.0
mA
OS output voltage
–0.3
6.0
V
Vesd
Human Body Model
–
1000
V
Machine Model
–
150
V
Tstg
Storage temperature range
–65
150
°C
Tj
Junction temperature
–
150
°C
NOTE:
1. This is a stress rating only. Functional operation of the device as indicated in the operational section is not applied to this absolute maximum
rating. Stresses above those listed in ‘Absolute Maximum Ratings’ may cause permanent damage to the device and exposure to any of
these rating conditions for extended periods may affect device reliability.
OPERATING RATINGS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC
Supply voltage
2.8
5.5
V
Tamb
Operating ambient temperature range
–55
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com