Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPANT30105-R1A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT30105-R1A
Description  860 / 915 MHz Cellular
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT30105-R1A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT30105-R1A Datasheet HTML 1Page - World Produts Inc. WPANT30105-R1A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 1.0
May 05, 2016
Page | 1
WPANT30105
860 / 915 MHz Cellular & ISM Stubby Antenna
WPANT30105-R1A
Reverse Polarity SMA Male connector
Note: Different connector style requests can be accommodated.
Application
This plug and play omni-directional stubby antenna has an impressive performance for its compact size.
We specialize in developing customized Antenna solutions. Please contact sales@worldproducts.com with your requirements.
Electrical Properties
Operating Frequency
860 – 960 MHz
Approximate Antenna Impedance [
Ω]
50Ω
VSWR (Typical)
< 2:1
Peak Gain [dBi] (Typical)
2 dBi
Polarization
Linear (Vertical)
Pattern
Omni-directional
Mechanical / Environmental Properties
Antenna Dimensions
3.15’’ Height x 0.55’’ Diameter (80mm x 14mm)
Antenna Color
Black
Antenna Radome
ABS
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT30105-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30100-S1A WPI-WPANT30100-S1A Datasheet
135Kb / 3P
High Efficiency 4G & ISM Body-mount Antenna
WPANT30100-S1A WPI-WPANT30100-S1A_15 Datasheet
128Kb / 3P
High Efficiency 4G
WPANT30102-S1B WPI-WPANT30102-S1B Datasheet
195Kb / 3P
2.45 GHz Wi-Fi MIMO Body-mount Antenna
WPANT30102-S1B WPI-WPANT30102-S1B_15 Datasheet
193Kb / 3P
2.45 GHz Wi-Fi MIMO Body-mount Antenna
WPANT30104-S1B WPI-WPANT30104-S1B Datasheet
103Kb / 3P
900 MHz ISM band Omni-Directional Antenna
More results

Similar Description - WPANT30105-R1A

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20003 ERICSSON-PTB20003 Datasheet
54Kb / 3P
4 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20095 ERICSSON-PTB20095 Datasheet
44Kb / 3P
15 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20097 ERICSSON-PTB20097 Datasheet
47Kb / 3P
40 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20144 ERICSSON-PTB20144 Datasheet
41Kb / 3P
6 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20145 ERICSSON-PTB20145 Datasheet
41Kb / 3P
9 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20220 ERICSSON-PTB20220 Datasheet
512Kb / 3P
15 Watts, 915-960 MHz Cellular Radio RF Power Transistor
logo
World Produts Inc.
WPANT30030-R2A WPI-WPANT30030-R2A Datasheet
81Kb / 2P
860 MHz Cellular band Stubby Antenna
WPANT30030-RA WPI-WPANT30030-RA Datasheet
62Kb / 2P
860 MHz Cellular band Stubby Antenna
WPANT10016 WPI-WPANT10016 Datasheet
206Kb / 3P
860 / 915 MHz ISM Band and GSM Embedded Antenna
logo
Maxtena Inc.
MEA-LTE-MIMO-ISM-SM MAXTENA-MEA-LTE-MIMO-ISM-SM Datasheet
2Mb / 5P
Cellular/LTE MIMO and 915 MHz ISM Screw Mount
REV A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com