Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9020B Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT9020B
Description  Call Progress Tone Detector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9020B Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT9020B Datasheet HTML 1Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 2Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 3Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 4Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 5Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 6Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Functional Description
The HT9020B call progress tone detector can be used in world wide countries. Below is an illustration of a call progress
tone frequency band, and a table of U.S.A. CPT signal is shown for user reference. Usually, HT9020B must work to-
gether with a microcontroller through software to distinguish correct cadence of CPT to fit any country CPT SPEC re-
quirement for world wide application purposes.
U.S.A. Call Progress Tone Signal Format
Tone
Frequency
Condition
Precision Dial Tone
350Hz+440Hz
Continuous high
Old Dial Tone
120Hz (or 133Hz, ..) +600Hz
Continuous high
Precision Busy Tone
480Hz+620Hz
0.5sec high and 0.5sec low
Old Busy Tone
120Hz+600Hz
0.5sec high and 0.5sec low
Precision Reorder Tone
480Hz+620Hz
0.3sec high and 0.2sec low
Old Reorder Tone
120Hz+600Hz
0.2sec high and 0.3sec low or
0.25sec high and 0.25sec low
Precision Ring-back Tone
440Hz+480Hz
2sec high and 4sec low
Old Ring-back Tone
40Hz (or the others) +420Hz
2sec high and 4sec low
Timing Diagram
HT9020B
Rev. 1.20
4
March 31, 2003
2 0 0 H z
3 0 5 H z
6 4 0 H z
8 0 0 H z
. r e q u e n c y
- 5 0 d B m
R e j e c t e d B a n d
C P T I n - b a n d D e t e c t e d
R e j e c t e d B a n d
L e v e l
0 d B m
- 2 7 d B m
Call progress tone frequency band illustration
S I N
E N V
X 1 , X 2
t R D
t B
t D D
t Q I
t D H
t D L
t S T
E N



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com