Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9020B Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT9020B
Description  Call Progress Tone Detector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9020B Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT9020B Datasheet HTML 1Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 2Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 3Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 4Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 5Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 6Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HT9020B
Call Progress Tone Detector
Block Diagram
Pin Assignment
Rev. 1.20
1
March 31, 2003
Features
· Operating voltage: 2.5V~5.5V
· Low power consumption
· Low cost 32768Hz crystal
· CPT Band: 305~640Hz detection
· Good performance:
-8~ -39 dBm at VDD=2.5V
0~
-27 dBm at VDD=5V
· 8-pin DIP package
General Description
The HT9020B call progress tone detector is a telecom
peripheral for Auto-dialing system use.
Switched capacitors technology is implemented into the
chip to get good performance characteristics of band
pass filter in the range of 305 to 640Hz call progress
tone which is dual tone multi-frequency signal.
When it detected CPT signal then it generates relative
envelopes for external microcontroller decision to finish
different kinds of CPT signal detection such as dial tone,
busy tone, ring-back tone and reorder tone.
3 2 7 6 8 H z
O s c i l l a t o r
C l o c k
G e n e r a t o r
B a n d p a s s
. i l t e r
E N V
V R E .
L e v e l
S e n s e C K T
V D D
V S S
E N
V R E .
G e n e r a t o r
D i g i t a l
C o n t r o l C K T
S I N
X 1
X 2
1
2
3
4
8
7
6
5
H T 9 0 2 0 B
8 D I P - A
E N V
V R E .
S I N
V S S
V D D
E N
X 2
X 1


Similar Part No. - HT9020B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
476Kb / 12P
Call Progress Tone Decoder & ABR Controller
21st Aug 98
More results

Similar Description - HT9020B

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
M-980-02 CLARE-M-980-02 Datasheet
181Kb / 6P
3V/5V General Purpose Call Progress Tone Detector
M-982-02 CLARE-M-982-02 Datasheet
200Kb / 7P
Precise Call Progress Tone Detector
M-991 CLARE-M-991 Datasheet
171Kb / 6P
Call Progress Tone Generator
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
Call Progress Tone Detector
FX623 ETC-FX623 Datasheet
49Kb / 6P
Call Progress Tone Decoder
MX623 ETC-MX623 Datasheet
59Kb / 6P
Line-Powered Call Progress Tone Detector
logo
CML Microcircuits
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
Call Progress Tone Decoder
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
Call Progress Tone Detector
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
Call Progress Tone Detector
logo
IXYS Corporation
M-980-02 IXYS-M-980-02 Datasheet
206Kb / 7P
3V/5V General Purpose Call Progress Tone Detector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com