Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDPF2D3N10C Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDPF2D3N10C
Description  N-Channel Shielded Gate PowerTrench MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDPF2D3N10C Datasheet(HTML) 2 Page - ON Semiconductor

  FDPF2D3N10C Datasheet HTML 1Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 2Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 3Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 4Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 5Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 6Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 7Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 8Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.onsemi.com
Semiconductor Components Industries, LLC, 2017
Publication Order Number:
March, 2017, Rev. 1.0
FDP2D3N10C / FDPF2D3N10C/D
1
FDP2D3N10C / FDPF2D3N10C
N-Channel Shielded Gate PowerTrench® MOSFET
100 V, 222 A, 2.3 m
Ω
Features
Max rDS(on) = 2.3 mΩ at VGS = 10 V, ID = 100 A
Extremely Low Reverse Recovery Charge, Qrr
100% UIL Tested
RoHS Compliant
General Description
This
N-Channel
MV
MOSFET
is
produced
using
ON
Semiconductor’s
advanced
PowerTrench®
process
that
incorporates Shielded Gate technology. This process has been
optimized to minimize on-state resistance and yet maintain
superior switching performance with best in class soft body
diode.
Applications
Synchronous Rectification for ATX / Server / Telecom PSU
Motor drives and Uninterruptible Power Supplies
Micro Solar Inverter
G
S
D
TO-220F
D
S
G
D
S
G
TO-220
MOSFET Maximum Ratings T
C = 25 °C unless otherwise noted.
* Drain current limited by maximum junction temperature. Package limitation current is 120A.
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
FDP2D3N10C
FDPF2D3N10C
VDS
Drain to Source Voltage
100
100
V
VGS
Gate to Source Voltage
±20
±20
V
ID
Drain Current -Continuous
TC = 25°C
(Note 3)
222*
222*
A
-Continuous
TC = 100°C
(Note 3)
157*
157*
-Pulsed
(Note 1)
888
888
EAS
Single Pulse Avalanche Energy
(Note 2)
1176
mJ
PD
Power Dissipation
TC = 25°C
214
45
W
Power Dissipation
TA = 25°C
2.4
2.4
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +175
°C
Symbol
Parameter
FDP2D3N10C
FDPF2D3N10C
Units
RθJC
Thermal Resistance, Junction to Case, Max.
0.7
3.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient, Max.
62.5
62.5
Device Marking
Device
Package
Packing Method
Quantity
FDP2D3N10C
FDP2D3N10C
TO-220
Tube
50 units
FDPF2D3N10C
FDPF2D3N10C
TO-220F
Tube
50 units



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com