Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDPF2D3N10C Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDPF2D3N10C
Description  N-Channel Shielded Gate PowerTrench MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDPF2D3N10C Datasheet(HTML) 3 Page - ON Semiconductor

  FDPF2D3N10C Datasheet HTML 1Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 2Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 3Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 4Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 5Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 6Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 7Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 8Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.onsemi.com
2
Electrical Characteristics T
J = 25 °C unless otherwise noted.
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristic
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250 μA, VGS = 0 V
100
V
ΔBV
DSS
ΔT
J
Breakdown Voltage Temperature
Coefficient
ID = 250 μA, referenced to 25 °C
70
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 80 V, VGS = 0 V
1
μA
VDS = 80 V, TJ= 150°C
500
μA
IGSS
Gate to Source Leakage Current
VGS = ±20 V, VDS = 0 V
±100
nA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 700 μA
2.0
3.0
4.0
V
rDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 100 A
2.1
2.3
m
Ω
gFS
Forward Transconductance
VDS = 5 V, ID = 100 A
222
S
Ciss
Input Capacitance
VDS = 50 V, VGS = 0 V,
f = 1 MHz
7980
11180
pF
Coss
Output Capacitance
4490
6290
pF
Crss
Reverse Transfer Capacitance
40
75
pF
Rg
Gate Resistance
0.1
0.8
1.8
Ω
td(on)
Turn-On Delay Time
VDD = 50 V, ID = 100 A,
VGS = 10 V, RGEN = 6 Ω
42
67
ns
tr
Rise Time
35
56
ns
td(off)
Turn-Off Delay Time
74
118
ns
tf
Fall Time
32
57
ns
Qg
Total Gate Charge
VGS = 0 V to 10 V
VDD = 50 V,
ID = 100 A
108
152
nC
Qgs
Gate to Source Gate Charge
36
nC
Qgd
Gate to Drain “Miller” Charge
22
nC
Qoss
Output Charge
VDD = 50 V, VGS = 0 V
297
nC
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
222
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
888
A
VSD
Source to Drain Diode Forward Voltage
VGS = 0 V, ISD = 100 A
0.9
1.3
V
trr
Reverse Recovery Time
VGS = 0 V, VDD = 50 V,
IF = 100 A, dIF/dt = 100 A/μs
107
172
ns
Qrr
Reverse Recovery Charge
191
306
nC
trr
Reverse Recovery Time
VGS = 0 V, VDD = 50 V,
IF = 100 A, dIF/dt = 300 A/μs
97
155
ns
Qrr
Reverse Recovery Charge
492
788
nC
Notes:
1. Pulsed Id please refer to Figure.11 and Figure.12 “Forward Bias Safe Operating Area” for more details.
2. EAS of 1176 mJ is based on starting TJ = 25 °C, L = 3 mH, IAS = 28 A, VDD = 90 V, VGS = 10 V. 100% test at L = 0.1 mH, IAS = 89 A.
3. Computed continuous current limited to Max Junction Temperature only, actual continuous current will be limited by thermal & electro-mechanical application board design.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com