Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA4476 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSA4476
Description  USB Type-C analog audio switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA4476 Datasheet(HTML) 2 Page - ON Semiconductor

  FSA4476 Datasheet HTML 1Page - ON Semiconductor FSA4476 Datasheet HTML 2Page - ON Semiconductor FSA4476 Datasheet HTML 3Page - ON Semiconductor FSA4476 Datasheet HTML 4Page - ON Semiconductor FSA4476 Datasheet HTML 5Page - ON Semiconductor FSA4476 Datasheet HTML 6Page - ON Semiconductor FSA4476 Datasheet HTML 7Page - ON Semiconductor FSA4476 Datasheet HTML 8Page - ON Semiconductor FSA4476 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
May 2017
© 2016 Semiconductor Components Industries, LLC
www.onsemi.com
FSA4476 • Rev. 1.3 .2
FSA4476
— USB Type-C analog audio switch with protection
function
Features
Power Management
Primary power supply: VBAT, 2.7 V to 5.5 V
Second power supply VBUS, 4.0 V to 20 V
USB High Speed(480Mbps) Switch:
-3dB bandwidth: 1 GHz
3
Ω RON Typical
Audio switch
Negative rail capability: -3V to +3V
THD+N = -110 dB; 1 VRMS, f = 20Hz~20 kHz ,
32
Ω Load;
0.6
Ω RON Typical
High voltage protection
20V DC protection on CC port and SBU port
16V DC protection on DP/R and DN/L port
Over Voltage Protection:
5.8V (Typ) on CC port
4.5V (Typ) on SBU port
4.5V (Typ) on DP/R and DN/L port
OMTP and CTIA pinout support
Support Audio Sense Path
Support Dead Battery
25-ball WLCSP Package (2.03mm x 2.03mm)
Applications
Mobile Phone, Tablet, Notebook PC, Media Player
Description
FSA4476 is a high performance USB Type-C port
multimedia
switch
which
supports
analog
audio
headsets. FSA4476 allows the sharing of a common
USB Type-C port to pass USB2.0 signal, analog audio,
sideband use wires and analog microphone signal.
FSA4476 also supports high voltage on CC port, SBU
port and USB port on USB Type-C receptacle side. In
addition, FSA4476 supports USB Type-C dead battery
application and dual power supply with VBAT rail and
VBUS rail.
Audio Codec
FSA4476
L
DN
R
DP
DN/L
DP/R
SBU2
SBU1
MIC
GND_M
DP
DN
SBU1
VBUS
SSRXn2
SSRXp2
GND
GND
SSTXp1
VBUS
CC1
SSTXn1
DN
DP
CC2
VBUS
SSTXn2
SSTXp2
GND
GND
SSRXp1
VBUS
SBU2
SSRXn1
USB Type-C
Receptacle
HPL
HPR
MIC
SBU2_H
SBU1_H
AP
DN
DP
SBU2
SBU1
VBAT
EN2
GPIO2
EN
CTL
INT1
INT1
CC2
CC1
SENSE
CC
Logic
CC1
CC2
CC1_H
CC2_H
VBUS
EN1
GPIO1
GND
INT
INT
Figure 1.
Application Block Diagram
Ordering Information
Part Number
Top Mark
Package Description
FSA4476UCX
GR
25 Ball WLCSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com