Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA4476 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSA4476
Description  USB Type-C analog audio switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA4476 Datasheet(HTML) 4 Page - ON Semiconductor

  FSA4476 Datasheet HTML 1Page - ON Semiconductor FSA4476 Datasheet HTML 2Page - ON Semiconductor FSA4476 Datasheet HTML 3Page - ON Semiconductor FSA4476 Datasheet HTML 4Page - ON Semiconductor FSA4476 Datasheet HTML 5Page - ON Semiconductor FSA4476 Datasheet HTML 6Page - ON Semiconductor FSA4476 Datasheet HTML 7Page - ON Semiconductor FSA4476 Datasheet HTML 8Page - ON Semiconductor FSA4476 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© 2016 Semiconductor Components Industries, LLC
www.onsemi.com
FSA4476 Rev. 1.3.2
3
Name
Ball
Description
SBU2_H
B1
Host Side Sideband Use Wire 2
CC1
B5
Configuration Channel 1
CC2
B4
Configuration Channel 2
CC1_H
A5
Host Side Configuration Channel 1
CC2_H
A4
Host Side Configuration Channel 2
INT
A3
OVP and OTP Interrupt Output, active low (open drain)
INT1
C2
Interrupt Output Signal; During EN1=1, INT1 is low active (open drain output)
when CC1_H <1.2V and CC2_H<1.2V.
ENN
C3
Chip Enable, active low, internal pull-down by 1Mohm.
EN1
D3
Logic Configuration Input 1
EN2
E3
Logic Configuration Input 2
NC
B3
No Connect
Truth Table
Power
ENN
EN1,EN2
CC switch
Headset
detection
USB switch
Audio switch
MIC SW /
GND_M SW
SBU bypass
switch
OFF
X
XX
Dead
battery
OFF
OFF
OFF
OFF
OFF
ON
H
XX
OFF
OFF
OFF
OFF
OFF
OFF
ON
L
00
ON
OFF
ON:
DP/R to DP
DN/L to DN
OFF
OFF
ON:
SBU1 to SBU1_H
SBU2 to SBU2_H
ON
L
01
ON
OFF
ON:
DP/R to DP
DN/L to DN
OFF
OFF
ON:
SBU1 to SBU2_H
SBU2 to SBU1_H
ON
L
10
ON
ON
OFF
ON:
DP/R to R
DN/L to L
ON:
SBU1 to MIC
SBU2 to GND_M
SBU2 to GND
OFF
ON
L
11
ON
ON
OFF
ON:
DP/R to R
DN/L to L
ON:
SBU2 to MIC
SBU1 to GND_M
SBU1 to GND
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com