Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5413 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5413
Description  SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5413 Datasheet(HTML) 1 Page - Texas Instruments

  ADS5413 Datasheet HTML 1Page - Texas Instruments ADS5413 Datasheet HTML 2Page - Texas Instruments ADS5413 Datasheet HTML 3Page - Texas Instruments ADS5413 Datasheet HTML 4Page - Texas Instruments ADS5413 Datasheet HTML 5Page - Texas Instruments ADS5413 Datasheet HTML 6Page - Texas Instruments ADS5413 Datasheet HTML 7Page - Texas Instruments ADS5413 Datasheet HTML 8Page - Texas Instruments ADS5413 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ADS5413
SLWS153 − DECEMBER 2003
SINGLE 12-BIT, 65-MSPS IF SAMPLING
ANALOG-TO-DIGITAL CONVERTER
FEATURES
D 12-Bit Resolution
D 65-MSPS Maximum Sample Rate
D 2-Vpp Differential Input Range
D 3.3-V Single Supply Operation
D 1.8-V to 3.3-V Output Supply
D 400-mW Total Power Dissipation
D Two’s Complement Output Format
D On-Chip S/H and Duty Cycle Adjust Circuit
D Internal or External Reference
D 48-Pin TQFP Package With PowerPad
(7 mm x 7 mm body size)
D 64.5-dBFS SNR and 72-dBc SFDR at 65 MSPS
and 190-MHz Input
D Power-Down Mode
D Single-Ended or Differential Clock
D 1-GHz −3-dB Input Bandwidth
APPLICATIONS
D High IF Sampling Receivers
D Medical Imaging
D Portable Instrumentation
DESCRIPTION
The ADS5413 is a low power, 12-bit, 65-MSPS, CMOS pipeline analog-to-digital converter (ADC) that operates from a
single 3.3-V supply, while offering the choice of digital output levels from 1.8 V to 3.3 V. The low noise, high linearity, and
low clock jitter makes the ADC well suited for high-input frequency sampling applications. On-chip duty cycle adjust circuit
allows the use of a non-50% duty cycle. This can be bypassed for applications requiring low jitter or asynchronous
sampling. The device can also be clocked with single ended or differential clock, without change in performance. The
internal reference can be bypassed to use an external reference to suit the accuracy and low drift requirements of the
application.
The device is specified over full temperature range (−40
°C to +85°C).
FUNCTIONAL BLOCK DIAGRAM
Digital Error Correction
7 Stages
Internal
Reference
Generator
1.8 V
1.25 V
DCA
CML
VBG
CLK
AGND
D[0:11]
AVDD
A/D
Σ
D/A
A/D
VREFB
CLKC
2
2
OVDD
OGND
S/H
VREFT
2.25 V
Σ
D/A
A/D
2
VINP
VINN
Gain
Stage
Gain
Stage
Σ
D/A
A/D
2
Gain
Stage
Flash
PWD
REF SEL
DCA
CommsADC is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2003, Texas Instruments Incorporated


Similar Part No. - ADS5413

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5413 TI2-ADS5413 Datasheet
682Kb / 22P
SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
DECEMBER 2003
ADS5413-11 TI-ADS5413-11 Datasheet
311Kb / 19P
SINGLE 11-BIT, 65-MSPS HIGH IF SAMPLING
ADS5413-11IPHP TI-ADS5413-11IPHP Datasheet
311Kb / 19P
SINGLE 11-BIT, 65-MSPS HIGH IF SAMPLING
ADS5413-11IPHP TI1-ADS5413-11IPHP Datasheet
345Kb / 20P
SINGLE 11-BIT 65MSPS HIGH ANALLOG-TO-DIGITAL CONVERTER
ADS5413-11IPHPG4 TI1-ADS5413-11IPHPG4 Datasheet
345Kb / 20P
SINGLE 11-BIT 65MSPS HIGH ANALLOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5413

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1050 TI-THS1050 Datasheet
397Kb / 20P
10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
THS1060 TI-THS1060 Datasheet
353Kb / 21P
10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD6640 AD-AD6640 Datasheet
488Kb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
logo
Texas Instruments
ADS5413-11 TI-ADS5413-11 Datasheet
311Kb / 19P
SINGLE 11-BIT, 65-MSPS HIGH IF SAMPLING
THS1240 TI-THS1240 Datasheet
450Kb / 20P
12-BIT 40 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8769 PHILIPS-TDA8769 Datasheet
227Kb / 28P
12-bit, 60/80/105 Msps Analog-to-Digital Converter (ADC) Nyquist/high IF sampling
2003 Dec 09
logo
Analog Devices
AD6640ASTZ AD-AD6640ASTZ Datasheet
920Kb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD6640 AD-AD6640_15 Datasheet
2Mb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD6644 AD-AD6644_15 Datasheet
836Kb / 24P
14-Bit, 40 MSPS/65 MSPS Analog-to-Digital Converter
REV. D
logo
Texas Instruments
ADS5401 TI1-ADS5401_16 Datasheet
1Mb / 49P
Single 12-Bit 800-Msps Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com