Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLT635 Datasheet(PDF) 3 Page - Roithner LaserTechnik GmbH

Part # RLT635
Description  635nm High Power Laser Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLT635 Datasheet(HTML) 3 Page - Roithner LaserTechnik GmbH

  RLT635 Datasheet HTML 1Page - Roithner LaserTechnik GmbH RLT635 Datasheet HTML 2Page - Roithner LaserTechnik GmbH RLT635 Datasheet HTML 3Page - Roithner LaserTechnik GmbH RLT635 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
03.08.2010
rlt635_series_cmount_to3.doc
3 of 4
Typical Performance Curves
Notes
1. The 635nm high power laser diode radiated high power red beam .Don't look at the laser
light directly, because it's harmful to eyes.
2. High-power semiconductor laser diodes are temperature-sensitive devices. The high
temperature will effect the performance of the products. The lifetime can also be
shortened by high temperature. So the generated heat must be removed in time when
the LD working. The water cooling system or TEC system are recommended for keeping
the LD at a suitable temperature.
3. Increase the current gradually to the specified operating value. For shutting down the
laser diode, please decrease the current to zero gradually, and then turn off the power.
Pleaser sure that the power supply have no current overshoot at any time. High power
laser diodes could operate in forward voltage. The reverse current and voltage should
not be higher than 25 mA and 3 V, respectively.
4. Be careful to keep the facet cleaning and prevent mechanical transmission.
Contamination of facet will result in rapid degradation of devices. The chip of LD is
fragile. Please do not use any hard thing to touch the chip.
5. The high power laser diode arrays are very sensitive to electrostatic. Please wear anti-
static bracelet during operating with the laser diodes.
6. The operating temperature should be controlled at –10°C … ~70°C. A clean, dry and
ventilated environment should be available when storing and operation. Dew can
damage the laser diodes. Please check the model number of the laser diodes before you
take it, and ensure the appearance test.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com