Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLT635 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # RLT635
Description  635nm High Power Laser Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLT635 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  RLT635 Datasheet HTML 1Page - Roithner LaserTechnik GmbH RLT635 Datasheet HTML 2Page - Roithner LaserTechnik GmbH RLT635 Datasheet HTML 3Page - Roithner LaserTechnik GmbH RLT635 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
03.08.2010
rlt635_series_cmount_to3.doc
1 of 4
RLT635- Series, C-mount / TO-3
TECHNICAL DATA
635nm High Power Laser Diode
Specifications (25°C)
RLT635-150-x
RLT635-300-x
RLT635-500-x
Type
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ,
Max.
Unit
Optical Specification
CW Output Power PO
-
150
-
-
300
-
-
500
-
W
Center Wavelength λC
630
635
642
630
635
642
630
635
642
nm
Spectral Width Δλ
-
1
2.5
-
1
2.5
-
1
2.5
nm
Emitting Area
-
100x1
-
-
100x1
-
-
150x1
-
µm
Wavelength Temperature
Coefficient
-
0.25
-
-
0.25
-
-
0.25
-
nm/°C
Beam Divergence θ×θ
-
-
40x10
-
-
40x10
-
-
40x10
deg
Polarization
TM
TM
TM
Electrical Specification
Slope Efficiency ES
0.80
0.90
-
0.80
0.90
-
0.8
0.95
-
W/A
Threshold Current Ith
-
400
450
-
550
620
-
750
850
mA
Operation Current IO
-
600
650
-
850
1000
-
1250
1350
mA
Operation Voltage Vf
-
2.1
2.3
-
2.1
2.3
-
2.1
2.3
V
Series Resistance Rd
-
-
-
-
-
-
-
Package Style
TO3 / C-Mount
TO3 / C-Mount
Absolute Maximum Ratings
Operating Temperature TO
10 … 25
10 … 25
10 … 25
°C
Storage Temperature TStg
-40 … 85
- 40 … 85
- 40 … 85
°C
Features
• CW Output Power: 150 mW, 300 mW, 500 mW
• High Reliability
• High Efficiency
• TO Package or C-Mount
Applications
• Medical Usage
• Pointer
• Laser Display


Similar Part No. - RLT635

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLT635-100G ROITHNER-RLT635-100G Datasheet
109Kb / 2P
high power visible laser diode
RLT635-100GPD ROITHNER-RLT635-100GPD Datasheet
186Kb / 3P
high power visible laser diode
RLT635-150-x ROITHNER-RLT635-150-x Datasheet
195Kb / 4P
635nm High Power Laser Diode
RLT635-180MGE ROITHNER-RLT635-180MGE Datasheet
432Kb / 2P
Red Laser Diode
RLT635-1W-GOP ROITHNER-RLT635-1W-GOP Datasheet
355Kb / 2P
Red High Power Laser Diode
05 / 2023
More results

Similar Description - RLT635

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD1132VS SONY-SLD1132VS Datasheet
86Kb / 6P
635nm Red Laser Diode
logo
Roithner LaserTechnik G...
RLT635_SERIES ROITHNER-RLT635_SERIES Datasheet
195Kb / 4P
635nm High Power Laser Diode
logo
Rohm
RLD63NZC5 ROHM-RLD63NZC5 Datasheet
419Kb / 4P
635nm Pure Red Laser Diode
logo
Roithner LaserTechnik G...
LM-101-C4 ROITHNER-LM-101-C4 Datasheet
112Kb / 2P
635nm Diode Laser Module
LM-103-C004 ROITHNER-LM-103-C004 Datasheet
112Kb / 2P
635nm Diode Laser Module
logo
Rohm
RLD63PZCA ROHM-RLD63PZCA Datasheet
1Mb / 10P
635nm Red Single Mode Laser Diode
RLD63NPC5 ROHM-RLD63NPC5 Datasheet
717Kb / 9P
635nm Red Single Mode Laser Diode
RLD63NPC6 ROHM-RLD63NPC6 Datasheet
1Mb / 9P
635nm Red Single Mode Laser Diode
RLD63NPC7 ROHM-RLD63NPC7 Datasheet
1Mb / 9P
635nm Red Single Mode Laser Diode
RLD63NPC8 ROHM-RLD63NPC8 Datasheet
1Mb / 9P
635nm Red Single Mode Laser Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com